Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPA-CM036FZP27 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPA-CM036FZP27
Description  Light LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-CM036FZP27 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPA-CM036FZP27 Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-CM036FZP27 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4/19
Part No. : LTPA-CM036
BNS-OD-FC002/A4
Light LED
LTPA-CM036
4. Electro-Optical Characteristics
4.1 Typical Performance
 14 Series Product
Dominant
CCT
Product
Series
Current
VF (V)
Flux(lm)
VF (V)
Flux(lm)
Eff.(lm/W)
Eff.(lm/W)
(mA)
@25°C
@25°C
@85°C
@85°C
@25°C
@85°C
2700K
14
350
38.5
1546
37.7
1391
115
105
3000K
14
350
38.5
1610
37.7
1448
119
110
4000K
14
350
38.5
1707
37.7
1535
127
116
5000K
14
350
38.5
1723
37.7
1550
128
118
5700K
14
350
38.5
1691
37.7
1521
126
115
 22 Series Product
Dominant
CCT
Product
Series
Current
VF (V)
Flux(lm)
VF (V)
Flux(lm)
Eff.(lm/W)
Eff.(lm/W)
(mA)
@25°C
@25°C
@85°C
@85°C
@25°C
@85°C
2700K
22
500
38.3
2284
37.5
2055
119
110
3000K
22
500
38.3
2360
37.5
2123
123
113
4000K
22
500
38.3
2500
37.5
2249
131
120
5000K
22
500
38.3
2541
37.5
2286
133
122
5700K
22
500
38.3
2492
37.5
2242
130
120
Notes
1. All of VF value bin range please refer page 12 ” VF Binning Parameter”.
2. All of flux value bin range please refer page 11, 12
”Flux Binning Parameter”.
3. Tolerance of flux is ±10%, tolerance of CCX/CCY is ±0.01, tolerance of CRI is ±3, and tolerance of VF is ±5%.
4. Typical viewing angle is 120deg.


Similar Part No. - LTPA-CM036FZP27

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-C0800MXE LITEON-LTPA-C0800MXE Datasheet
775Kb / 21P
   Light LED
LTPA-C22FULME LITEON-LTPA-C22FULME Datasheet
2Mb / 17P
   Multi-chips Array Series
LTPA-C3535ABPPA LITEON-LTPA-C3535ABPPA Datasheet
827Kb / 16P
   Automotive
LTPA-C3535AWP LITEON-LTPA-C3535AWP Datasheet
804Kb / 17P
   Automotive
LTPA-C3535BWP LITEON-LTPA-C3535BWP Datasheet
811Kb / 17P
   Automotive
More results

Similar Description - LTPA-CM036FZP27

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
   Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
   Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
   Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
   Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
   Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
   Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
   Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
   Light LED
LTW-K140SZR30 LITEON-LTW-K140SZR30 Datasheet
715Kb / 19P
   Light LED
LTPA-C0800MXE LITEON-LTPA-C0800MXE Datasheet
775Kb / 21P
   Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com