Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPA-C0800MXE Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTPA-C0800MXE
Description  Light LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPA-C0800MXE Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTPA-C0800MXE Datasheet HTML 1Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 2Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 3Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 4Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 5Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 6Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 7Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 8Page - Lite-On Technology Corporation LTPA-C0800MXE Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3/20
Part No. : LTPA-C0800MXE
BNS-OD-FC002/A4
Light LED
LTPA-C0800MXE
3.2 Electro-Optical Characteristics
 Typical Performance
Parameter
Symbol
Values
Unit
Test
Condition
Min
Typ.
Max
Correlated Color Temperature
CCT
3000
--
5700
K
IF = 700mA
Color Rendering Index
CRI
70
--
--
-
Viewing Angle
1/2
--
130
--
deg
Forward Voltage
VF
11.5
12.5
13.5
V
Notes
1.
All of the VF value please refer page 7
”VF Binning Parameter”.
2.
The Flux value please refer page 7~8
”Flux Binning Parameter”.
3.
Tolerance of Flux is ±10%, Tolerance of VF is ±5%, tolerance of CCx/CCy is ±0.01, tolerance of CRI is ±3.
4.
LEDs are lighted up and measured with externally parallel connecting leads of LED.
5.
Typical viewing angle is 130deg.


Similar Part No. - LTPA-C0800MXE

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-C22FULME LITEON-LTPA-C22FULME Datasheet
2Mb / 17P
   Multi-chips Array Series
LTPA-C3535ABPPA LITEON-LTPA-C3535ABPPA Datasheet
827Kb / 16P
   Automotive
LTPA-C3535AWP LITEON-LTPA-C3535AWP Datasheet
804Kb / 17P
   Automotive
LTPA-C3535BWP LITEON-LTPA-C3535BWP Datasheet
811Kb / 17P
   Automotive
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
   Light LED
More results

Similar Description - LTPA-C0800MXE

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
   Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
   Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
   Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
   Light LED
LTW-K140SZR65 LITEON-LTW-K140SZR65 Datasheet
699Kb / 19P
   Light LED
LTW-K140SZR27 LITEON-LTW-K140SZR27 Datasheet
696Kb / 19P
   Light LED
LTPA-P3030SZL LITEON-LTPA-P3030SZL Datasheet
997Kb / 20P
   Light LED
LTW-M140SXT57 LITEON-LTW-M140SXT57 Datasheet
797Kb / 17P
   Light LED
LTW-E670DS-TH1 LITEON-LTW-E670DS-TH1 Datasheet
651Kb / 12P
   Light LED
LTW-K140SZR30 LITEON-LTW-K140SZR30 Datasheet
715Kb / 19P
   Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com