Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHS-MSS Datasheet(PDF) 10 Page - TDK Electronics

Part # CHS-MSS
Description  Humidity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CHS-MSS Datasheet(HTML) 10 Page - TDK Electronics

Back Button CHS-MSS Datasheet HTML 3Page - TDK Electronics CHS-MSS Datasheet HTML 4Page - TDK Electronics CHS-MSS Datasheet HTML 5Page - TDK Electronics CHS-MSS Datasheet HTML 6Page - TDK Electronics CHS-MSS Datasheet HTML 7Page - TDK Electronics CHS-MSS Datasheet HTML 8Page - TDK Electronics CHS-MSS Datasheet HTML 9Page - TDK Electronics CHS-MSS Datasheet HTML 10Page - TDK Electronics CHS-MSS Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(10/11)
20160401 / sensor_humidity_chs_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Element
CHS-ESS-CA5
MAXIMUM RATINGS (Ta=25°C)
TYPICAL ELECTRICAL CHARACTERISTICSELECTRICAL CHARACTERISTICS
Reference value
Impedance-humidity characteristics (by temperature)
Impedance-humidity characteristics (by frequency)
at Edc=1V, 1kHz
at Edc=1V, 25°C
Power supply voltage Edc
7V max.
Operating conditions
0 to +60°C, 10 to 90%RH, no dew condensation
Storage conditions
–20 to +85°C, 5 to 95%RH, no dew condensation
Item
Min.
Standard Max.
Condition
Driving VoltageEdc(V)
5
Operating current(mA)
0.5
Output impedance(k
:)
26
40
62
25°C, at 50%RH
Measurement accuracy(%RH)
–5
+5
Edc=5V, 25°C, at 50%RH
26k
:
40k
:
62k
:
Hysteresis(%)RH
1
Response time(min)
1
1 Response time to reach 90% of actual humidity from 30to 85% RH
100M
10M
1M
100K
10K
1K
020
40
60
80
10
30
50
70
90
5˚C
15˚C
25˚C
35˚C
45˚C
Relative humidity (%RH)
100M
10M
1M
100K
10K
1K
020
40
60
80
10
30
50
70
90
100Hz
1kHz
10kHz
100kHz
Relative humidity (%RH)


Similar Part No. - CHS-MSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHS-01A ETC1-CHS-01A Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
logo
Copal Electronics
CHS-01A COPAL-CHS-01A Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
List of Unclassifed Man...
CHS-01A1 ETC1-CHS-01A1 Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
logo
Copal Electronics
CHS-01A1 COPAL-CHS-01A1 Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
List of Unclassifed Man...
CHS-01A2 ETC1-CHS-01A2 Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
More results

Similar Description - CHS-MSS

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
   Humidity Sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
   Humidity Sensor
Revision: 24-Jun-09
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
   Humidity Sensor
Revision: 10-Oct-03
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
   Humidity Sensor
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
   Humidity Sensor
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
   HUMIDITY SENSOR
logo
Amphenol Corporation
HS30P AMPHENOL-HS30P Datasheet
195Kb / 4P
   Humidity sensor
logo
Humirel
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
   RELATIVE HUMIDITY SENSOR
logo
HOKURIKU ELECTRIC INDUS...
E1321AA HOKURIKU-E1321AA Datasheet
75Kb / 1P
   Relative Humidity Sensor
logo
Innovative Sensor Techn...
MK33 IST-MK33 Datasheet
782Kb / 5P
   Capacitive Humidity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com