Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2812 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  DIGITAL SIGNAL PROCESSORS
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 24Page - Texas Instruments TMS320F2812 Datasheet HTML 25Page - Texas Instruments TMS320F2812 Datasheet HTML 26Page - Texas Instruments TMS320F2812 Datasheet HTML 27Page - Texas Instruments TMS320F2812 Datasheet HTML 28Page - Texas Instruments TMS320F2812 Datasheet HTML 29Page - Texas Instruments TMS320F2812 Datasheet HTML 30Page - Texas Instruments TMS320F2812 Datasheet HTML 31Page - Texas Instruments TMS320F2812 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
28
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
external interface, XINTF (F2812 only) (continued)
The operation and timing of the external interface, can be controlled by the registers listed in Table 13.
Table 13. XINTF Configuration and Control Register Mappings
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
XTIMING0
0x0000–0B20
2
XINTF Timing Register, Zone 0
XTIMING1
0x0000–0B22
2
XINTF Timing Register, Zone 1
XTIMING2
0x0000–0B24
2
XINTF Timing Register, Zone 2
XTIMING6
0x0000–0B2C
2
XINTF Timing Register, Zone 6
XTIMING7
0x0000–0B2E
2
XINTF Timing Register, Zone 7
XINTCNF2
0x0000–0B34
2
XINTF Configuration Register
XBANK
0x0000–0B38
1
XINTF Bank Control Register
XREVISION
0x0000–0B3A
1
XINTF Revision Register
timing registers
XINTF signal timing can be tuned to match specific external device requirements such as setup and hold times
to strobe signals for contention avoidance and maximizing bus efficiency. The timing parameters can be
configured individually for each zone. This allows the programmer to maximize the efficiency of the bus, based
on the type of memory or peripheral that the user needs to access. All XINTF timing values are with respect to
XTIMCLK, which is equal to or one-half of the SYSCLKOUT rate, as shown in Figure 4.
XTIMING0
XTIMING1
XTIMING2
XTIMING6
XTIMING7
XBANK
LEAD/ACTIVE/TRAIL
1
0
XCLKOUT
/2
XTIMCLK
1
0
/2
C28x
CPU
XINTCNF2 (CLKMODE)
XINTCNF2 (XTIMCLK)
Default Value after reset
SYSCLKOUT
Figure 4. Relationship Between XTIMCLK and SYSCLKOUT


Similar Part No. - TMS320F2812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 162P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI1-TMS320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com