Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F2812 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  DIGITAL SIGNAL PROCESSORS
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 4Page - Texas Instruments TMS320F2812 Datasheet HTML 5Page - Texas Instruments TMS320F2812 Datasheet HTML 6Page - Texas Instruments TMS320F2812 Datasheet HTML 7Page - Texas Instruments TMS320F2812 Datasheet HTML 8Page - Texas Instruments TMS320F2812 Datasheet HTML 9Page - Texas Instruments TMS320F2812 Datasheet HTML 10Page - Texas Instruments TMS320F2812 Datasheet HTML 11Page - Texas Instruments TMS320F2812 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin functions
Table 2 specifies the signals on the F2810 and F2812 devices. All digital inputs are TTL-compatible. All outputs
are 3.3 V with CMOS levels. Inputs are not 5-V tolerant. A 20-
µA resistor is used for pullup/down.
Table 2. Signal Descriptions
NAME
PIN NO.
I/O/Z
DRIVE
PU/PD†
DESCRIPTION
XINTF SIGNALS (2812 ONLY)
XA[18:0]
O/Z
19-bit Address Bus
XD[15:0]
I/O/Z
16-bit Data Bus
XMP/MC
I
PU
Microprocessor/Microcomputer Mode Select
XHOLD
I
PU
External DMA Hold Request
XHOLDA
O/Z
External DMA Hold Acknowledge
XZCS0
O/Z
Zone 0 Chip Select Strobe
XZCS1
O/Z
Zone 1 Chip Select Strobe
XZCS2
O/Z
Zone 2 Chip Select Strobe
XZCS6AND7
O/Z
Zone 6 and 7 Chip Select Strobe
XWE
O/Z
Write Enable
XRD
O/Z
Read Enable
XRNW
O/Z
Read Not Write Select
XREADY
I
PU
Input Ready Signal
JTAG AND MISCELLANEOUS SIGNALS
X1/XCLKIN
I
Oscillator Input Or Clock Generator Input
X2
I
Oscillator Output
XPPLDIS
I
PU
Disable PLL When High
TESTSEL
I
PU
Test Mode Select Signal
XRS
I/O
PU
Device Reset (in) and Watchdog Reset (out)
TEST1
I/O
Flash Test Signal 1
TEST2
I/O
Flash Test Signal 2
JTAG
TRST
I
PD
JTAG Test-Logic Reset
TCK
I
JTAG Test clock
TMS
I
JTAG Test Mode Select
TDI
I
JTAG Test Data Input
TDO
O/Z
JTAG Test Data Output
EMU0
I/O/Z
PU
Emulation/Test trigger channel 0
EMU1
I/O/Z
PU
Emulation/Test trigger channel 1
† PU = pin has internal pullup; PD = pin has internal pulldown


Similar Part No. - TMS320F2812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 162P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320F2812 TI1-TMS320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320F2812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com