Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV5631 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. TLV5631
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5631 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5631 Datasheet HTML 1Page - Texas Instruments TLV5631 Datasheet HTML 2Page - Texas Instruments TLV5631 Datasheet HTML 3Page - Texas Instruments TLV5631 Datasheet HTML 4Page - Texas Instruments TLV5631 Datasheet HTML 5Page - Texas Instruments TLV5631 Datasheet HTML 6Page - Texas Instruments TLV5631 Datasheet HTML 7Page - Texas Instruments TLV5631 Datasheet HTML 8Page - Texas Instruments TLV5631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV5630
TLV5631
TLV5632
SLAS269D – MAY 2000 – REVISED MARCH 2004
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Fast
16
21
No load, All inputs = DVDD or GND,
IDD
Power supply current
mA
Vref = 2.048 V,
Slow
6
8
Power-down supply
0.1
µA
current
POR
Power on threshold
2
V
Power supply rejection
PSRR
Full scale, See (1)
50
dB
ratio
STATIC DAC SPECIFICATIONS
TLV5630
12
Bits
Resolution
TLV5631
10
Bits
TLV5632
8
Bits
TLV5630
Code 40 to 4095
±2
±6
LSB
INL
Integral nonlinearity
TLV5631
Vref = 1 V, 2 V
Code 20 to 1023
±0.5
±2
LSB
TLV5632
Code 6 to 255
±0.3
±1
LSB
TLV5630
Code 40 to 4095
±0.5
±1
LSB
DNL
Differential nonlinearity
TLV5631
Vref = 1 V, 2 V
Code 20 to 1023
±0.1
±1
LSB
TLV5632
Code 6 to 255
±0.1
±1
LSB
Zero scale error (offset error at zero
EZS
±30
mV
scale)
Zero scale error temperature coef-
EZS TC
30
µV/
°C
ficient
%Full
EG
Gain error
±0.6
Scale V
EGTC
Gain error temperature coefficient
10
ppm/
°C
OUTPUT SPECIFICATIONS
VO
Voltage output range
RL = 10 kΩ
0
AVDD-0.4
V
Output load regulation
%Full
RL = 2 kΩ vs 10 kΩ
±0.3
accuracy
Scale V
REFERENCE OUTPUT
VREFOU
Low reference voltage
VDD > 4.75 V
1.010
1.024
1.040
V
TL
VREFOU
High reference voltage
2.020
2.048
2.096
V
TH
Iref(Sourc
Output source current
1
mA
e)
Iref(Sink)
Output sink current
-1
mA
Load capacitance
See (2)
1
10
µF
Power supply rejection
PSRR
60
dB
ratio
REFERENCE INPUT
VI
Input voltage range
0
AVDD
V
RI
Input resistance
50
k
Ci
Input capacitance
10
pF
Fast
2.2
MHz
Reference input
Vref = 0.4 Vpp + 2.048 Vdc,
bandwidth
Input code = 0x800
Slow
1.9
MHz
(1)
Power supply rejection ratio at full scale is measured by varying AVDD and is given by: PSRR = 20 log [(EG(AVDDmax) -
EG(AVDDmin))/VDDmax]
(2)
In parallel with a 100-nF capacitor
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLV5633C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5639C 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5608 8-CHANNEL 12-/10-/8-BIT 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5636 2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5637 2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5604 2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments
TLV5614 2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn