Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9885 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDA9885
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDA9885 Datasheet HTML 36Page - NXP Semiconductors TDA9885 Datasheet HTML 37Page - NXP Semiconductors TDA9885 Datasheet HTML 38Page - NXP Semiconductors TDA9885 Datasheet HTML 39Page - NXP Semiconductors TDA9885 Datasheet HTML 40Page - NXP Semiconductors TDA9885 Datasheet HTML 41Page - NXP Semiconductors TDA9885 Datasheet HTML 42Page - NXP Semiconductors TDA9885 Datasheet HTML 43Page - NXP Semiconductors TDA9885 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
2003 Oct 02
40
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
handbook, full pagewidth
MHC113
0
5
4
3
2
1
36
37
38
40
41
38.9
38.71
39.09
lock range without SAW filter
f (MHz)
AFC window
VAFC
(V)
+200
+100
0
−100
IAFC
(
µA)
−200
TDA9885
TDA9886
21
(23)
R1
22 k
R2
22 k
VP
VAFC
IAFC
Fig.10 Typical analog AFC characteristic.
Pin numbers for TDA9885HN and TDA9886HN in parenthesis.
handbook, halfpage
0
30
50
110
80
60
20
40
MHC112
70
90
Vi(VIF) (dBµV)
S/N
(dB)
Fig.11 Typical signal-to-noise ratio as a function of
VIF input voltage.
handbook, halfpage
SC CC
PC
SC CC
PC
BLUE
YELLOW
21 dB
13.2 dB
3.2 dB
21 dB
13.2 dB
10 dB
MHA739
Fig.12 Input signal conditions.
SC is sound carrier, with respect to sync level.
CC is chrominance carrier, with respect to sync level.
PC is picture carrier, with respect to sync level.
The sound carrier levels are take into account a sound shelf
attenuation of 14 dB (SAW filter G1984M).


Similar Part No. - TDA9885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9885 NXP-TDA9885 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885HN/V3 NXP-TDA9885HN/V3 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885HN/V5 NXP-TDA9885HN/V5 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885T/V3 NXP-TDA9885T/V3 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9885T/V5 NXP-TDA9885T/V5 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
More results

Similar Description - TDA9885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9884 NXP-TDA9884_06 Datasheet
301Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Rev. 02-12 May 2006
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com