Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4042S-BLM Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMH4042S-BLM
Description  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042S-BLM Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMH4042S-BLM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042S-BLM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
SMH4042
2037 8.0 8/8/00
Card Insertion Timing Diagram
VTRIP
VRVALID
VCC
&
HST_3V_MON
LOCAL_PCI_RST#
RESET
BD_SEL1#
+
BD_SEL2#
VGATE5 & VGATE3
DRVREN#
CARD_5V_MON
&
CARD_3V_MON
HEALTHY#
SGNL_VLD#
VTRIP
tPURST
tSLEW
tHSE
VOHVG
2037 ILL3.0
Symbol
Parameter
Notes
Min.
Typ.
Max.
Units
t
VTPD
V
TRIP to Power Down Delay
Host Voltage Input
1
5
µs
t
VTR
V
TRIP to RESET Output Delay
Card Voltage Input
1
5
µs
t
PRLPR
PCI_RST# to LOCAL_PCI_RST#
.1
1
µs
V
RVALID
RESET Output Valid
1
V
T
SLEW
Slew Rate
250
V/Sec
T
HSE
BD-SEL# to Power-on Delay
BD_SEL# Noise filter
100
150
200
ms
t
PURST
Reset Timeout
100
150
200
ms
t
GLTICH
Glitch Reject Pulse Width
40
ns
t
OCF
Over-current to FAULT#
1
µs
t
OCVG
Over-current to VGATE Off
1
µs
t
CBTC
Circuit Breaker Time Constant
Powering-on
4
µs
Operating
16
µs
SEQUENCER AC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions)
2037 PGM T4.1


Similar Part No. - SMH4042S-BLM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4042S-BLM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com