Electronic Components Datasheet Search |
|
ST16C550CQ48 Datasheet(PDF) 9 Page - Exar Corporation |
|
ST16C550CQ48 Datasheet(HTML) 9 Page - Exar Corporation |
9 / 35 page ST16C550 9 Rev. 4.30 Table 2, INTERNAL REGISTER DECODE A2 A1 A0 READ MODE WRITE MODE General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR): 0 0 0 Receive Holding Register Transmit Holding Register 0 0 1 Interrupt Enable Register Interrupt Enable Register 0 1 0 Interrupt Status Register FIFO Control Register 0 1 1 Line Control Register Line Control Register 1 0 0 Modem Control Register Modem Control Register 1 0 1 Line Status Register Reserved 1 1 0 Modem Status Register Reserved 1 1 1 Scratchpad Register Scratchpad Register Baud Rate Generator Registers (DLL/DLM). Accessible only when LCR bit-7 is set to 1. 0 0 0 LSB of Divisor Latch LSB of Divisor Latch 0 0 1 MSB of Divisor Latch MSB of Divisor Latch FIFO Operation The 16 byte transmit and receive data FIFO’s are enabled by the FIFO Control Register (FCR) bit-0. With 16C550 devices, the user can set the receive trigger level but not the transmit trigger level. The receiver FIFO section includes a time-out function to ensure data is delivered to the external CPU. An interrupt is generated whenever the Receive Holding Register (RHR) has not been read following the load- ing of a character or the receive trigger level has not been reached. Time-out Interrupts When two interrupt conditions have the same priority, it is important to service these interrupts correctly. Receive Data Ready and Receive Time Out have the same interrupt priority (when enabled by IER bit-0). The receiver issues an interrupt after the number of characters have reached the programmed trigger level. In this case the ST16C550 FIFO may hold more char- acters than the programmed trigger level. Following the removal of a data byte, the user should recheck LSR bit- 0 for additional characters. A Receive Time Out will not occur if the receive FIFO is empty. The time out counter is reset at the center of each stop bit received or each time the receive holding register (RHR) is read (see Figure 10, Receive Time-out Interrupt). The actual time out value is T (Time out length in bits) = 4 X P (Programmed word length) + 12. To convert the time out value to a character value, the user has to consider the complete word length, including data information length, start bit, parity bit, and the size of stop bit, i.e., 1X, 1.5X, or 2X bit times. Example -A: If the user programs a word length of 7, with no parity and one stop bit, the time out will be: T = 4 X 7( programmed word length) +12 = 40 bit times. The character time will be equal to 40 / 9 = 4.4 characters, or as shown in the fully worked out example: |
Similar Part No. - ST16C550CQ48 |
|
Similar Description - ST16C550CQ48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |