Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8538KS Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP8538KS
Description  Micropower Sampling 12-Bit A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538KS Datasheet(HTML) 2 Page - Sipex Corporation

  SP8538KS Datasheet HTML 1Page - Sipex Corporation SP8538KS Datasheet HTML 2Page - Sipex Corporation SP8538KS Datasheet HTML 3Page - Sipex Corporation SP8538KS Datasheet HTML 4Page - Sipex Corporation SP8538KS Datasheet HTML 5Page - Sipex Corporation SP8538KS Datasheet HTML 6Page - Sipex Corporation SP8538KS Datasheet HTML 7Page - Sipex Corporation SP8538KS Datasheet HTML 8Page - Sipex Corporation SP8538KS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
(TA=+25˚C unless otherwise noted) .....................................................
VCC to GND ................................................................................. 7.0V
Vin to GND .............................................................. -0.3 to VCC +0.3V
Digital input to GND ................................................ -0.3 to VCC +0.3V
Digital output to GND .............................................. -0.3 to VCC +0.3V
Operating Temperature Range
Commercial (J, K Version) ........................................... 0˚C to 70˚C
Industrial (A, B Version) .......................................... -40˚C to +85˚C
Lead Temperature (Solder 10Sec) ............................................ +300˚C
Storage Temperature .................................................. -65˚C to +150˚C
Power Dissipation to 70˚C ........................................................ 500mW
SPECIFICATIONS
Unless otherwise noted the following specifications apply for VCC=5V or 3.3V with limits applicable for Tmin to Tmax. Typical applies for Ta=25˚C.
VCC=5.0V
VCC=3.3V
PARAMETERS
MIN. TYP. MAX. MIN. TYP. MAX.
UNITS
CONDITIONS
DC ACCURACY
Resolution
12
12
Bits
Integral Linearity
J,A
+0.6 +2.0
+0.6 +2.0
LSB
K,B
+0.6 +1.0
+0.6 +1.0
LSB
Differential Linearity Error
J,A
+0.75 +2.0
+0.75 +2.0
LSB
K,B
+0.75 +1.0
+0.75 +1.0
LSB
No Missing Codes
Gain Error
J,A
+2.0 +10
+2.0 +10
LSB
K,B
+2.0
+8
+2.0
+8
LSB
Offset Error
J,A
+1.5
+5
+3.0
+8
LSB
K,B
+1.5
+3
+3.0
+5
LSB
ANALOG INPUT
Input Signal FS Range
0
V
CC
0V
CC
Input Impedance
On Channel
20
20
pF
In Parallel with 100m
100
100
M
Off Channel
3
3
pF
In Parallel with 100m
100
100
M
Input Bias Current
.001
1
.001
1
µA
Analog Input Range
-.05
V
CC+.05 -.05
V
CC+.05
Volts
MULTIPLEXER
Crosstalk (f
D = Nyquist)
-90
-90
dB
Off to On Channel
Feedthrough (f
D = Nyquist)
-90
-90
dB
Off to On Channel
f
D= Disturbance
CONVERSION SPEED
Sample Time
1.5
1.5
clock
See Timing Diagrams
cycles
Conversion Time
12
12
clock
See Timing Diagrams
cycles
Complete Cycle
25
5.85
kHz
See Timing Diagrams
Clock Period
2.25
10.0
µS
See Timing Diagrams
Clock High Time
1.0
4.5
µS
See Timing Diagrams
Clock Low Time
1.0
4.5
µS
See Timing Diagrams


Similar Part No. - SP8538KS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8530 SIPEX-SP8530 Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AN SIPEX-SP8530AN Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AS SIPEX-SP8530AS Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BN SIPEX-SP8530BN Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BS SIPEX-SP8530BS Datasheet
169Kb / 12P
   S2ADC - Simultaneous Sampling Analog to Digital Converter
More results

Similar Description - SP8538KS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
   Micropower Sampling 10-Bit A/D Converter
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
   8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com