Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C550 Datasheet(PDF) 10 Page - Exar Corporation

Part # ST16C550
Description  UART WITH 16-BYTE FIFO?셲
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550 Datasheet(HTML) 10 Page - Exar Corporation

Back Button ST16C550 Datasheet HTML 6Page - Exar Corporation ST16C550 Datasheet HTML 7Page - Exar Corporation ST16C550 Datasheet HTML 8Page - Exar Corporation ST16C550 Datasheet HTML 9Page - Exar Corporation ST16C550 Datasheet HTML 10Page - Exar Corporation ST16C550 Datasheet HTML 11Page - Exar Corporation ST16C550 Datasheet HTML 12Page - Exar Corporation ST16C550 Datasheet HTML 13Page - Exar Corporation ST16C550 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ST16C550
10
Rev. 4.30
T = [(programmed word length = 7) + (stop bit = 1) +
(start bit = 1) = 9]. 40 (bit times divided by 9) = 4.4
characters.
Example -B: If the user programs the word length = 7,
with parity and one stop bit, the time out will be:
T = 4 X 7(programmed word length) + 12 = 40 bit times.
Character time = 40 / 10 [ (programmed word length
= 7) + (parity = 1) + (stop bit = 1) + (start bit = 1) = 4
characters.
Programmable Baud Rate Generator
The ST16C550 supports high speed modem tech-
nologies that have increased input data rates by
employing data compression schemes. For example
a 33.6Kbps modem that employs data compression
may require a 115.2Kbps input data rate. A 128.0Kbps
ISDN modem that supports data compression may
need an input data rate of 460.8Kbps. The ST16C550
can support a standard data rate of 921.6Kbps.
The programmable Baud Rate Generator is capable
of accepting an input clock up to 24 MHz, as required
for supporting a 1.5Mbps data rate. The ST16C550 can
be configured for internal or external clock operation.
For internal clock oscillator operation, an industry
standard microprocessor crystal (parallel resonant/ 22
pF load) is connected externally between the XTAL1
and XTAL2 pins, with an external 1 M
Ω resistor across
it. Alternatively, an external clock can be connected to
the XTAL1 pin to clock the internal baud rate generator
for standard or custom rates. See figure 3 for crystal
oscillator connection.
The generator divides the input 16X clock by any
divisor from 1 to 216 -1. The ST16C550 divides the
basic crystal or external clock by 16. The frequency of
the -BAUDOUT output pin is exactly 16X (16 times) of
the selected baud rate (-BAUDOUT =16 x Baud Rate).
Customized Baud Rates can be achieved by selecting
the proper divisor values for the MSB and LSB sec-
tions of baud rate generator.
Programming the Baud Rate Generator Registers
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example
in Table 3 below shows selectable baud rates when
using a 1.8432 MHz crystal.
For custom baud rates, the divisor value can be calcu-
lated using the following equation:
Divisor (in decimal) = (XTAL1 clock frequency) / (serial data rate x 16)
Table 3, BAUD RATE GENERATOR PROGRAMMING TABLE (1.8432 MHz CLOCK):
Output
User
User
DLM
DLL
Baud Rate
16 x Clock
16 x Clock
Program
Program
Divisor
Divisor
Value
Value
(Decimal)
(HEX)
(HEX)
(HEX)
50
2304
900
09
00
75
1536
600
06
00
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1200
96
60
00
60
2400
48
30
00
30
4800
24
18
00
18
7200
16
10
00
10
9600
12
0C
00
0C
19.2k
6
06
00
06
38.4k
3
03
00
03
57.6k
2
02
00
02
115.2k
1
01
00
01


Similar Part No. - ST16C550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CP40 EXAR-ST16C550CP40 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CQ48 EXAR-ST16C550CQ48 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550IJ44 EXAR-ST16C550IJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results

Similar Description - ST16C550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com