Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C550 Datasheet(PDF) 8 Page - Exar Corporation

Part # ST16C550
Description  UART WITH 16-BYTE FIFO?셲
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C550 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST16C550 Datasheet HTML 4Page - Exar Corporation ST16C550 Datasheet HTML 5Page - Exar Corporation ST16C550 Datasheet HTML 6Page - Exar Corporation ST16C550 Datasheet HTML 7Page - Exar Corporation ST16C550 Datasheet HTML 8Page - Exar Corporation ST16C550 Datasheet HTML 9Page - Exar Corporation ST16C550 Datasheet HTML 10Page - Exar Corporation ST16C550 Datasheet HTML 11Page - Exar Corporation ST16C550 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ST16C550
8
Rev. 4.30
GENERAL DESCRIPTION
The ST16C550 provides serial asynchronous receive
data synchronization, parallel-to-serial and serial-to-
parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for
converting the serial data stream into parallel data that
is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding
start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integ-
rity is insured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for
any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially
when manufactured on a single integrated silicon
chip. The ST16C550 represents such an integration
with greatly enhanced features. The ST16C550 is
fabricated with an advanced CMOS process.
The ST16C550 is an upward solution that provides 16
bytes of transmit and receive FIFO memory, instead
of 1 byte provided in the 16C450. The ST16C550 is
designed to work with high speed modems and shared
network environments, that require fast data process-
ing time. Increased performance is realized in the
ST16C550 by the larger transmit and receive FIFO’s.
This allows the external processor to handle more
networking tasks within a given time. The 4 selectable
levels of FIFO trigger provided for maximum data
throughput performance especially when operating in
a multi-channel environment. The combination of the
above greatly reduces the bandwidth requirement of
the external controlling CPU, increases performance,
and reduces power consumption.
The ST16C550 is capable of operation to 1.5Mbps
with a 24 MHz crystal or external clock input.
With a crystal of 14.7464 MHz and through a software
option, the user can select data rates up to 460.8Kbps
or 921.6Kbps.
FUNCTIONAL DESCRIPTIONS
Internal Registers
The ST16C550 provides 12 internal registers for
monitoring and control. These registers are shown in
Table 3 below. These registers function as data hold-
ing registers (THR/RHR), interrupt status and control
registers (IER/ISR), a FIFO control register (FCR),
line status and control registers, (LCR/LSR), modem
status and control registers (MCR/MSR), program-
mable data rate (clock) control registers (DLL/DLM),
and a user assessable scratchpad register (SPR).


Similar Part No. - ST16C550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CJ44 EXAR-ST16C550CJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CP40 EXAR-ST16C550CP40 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550CQ48 EXAR-ST16C550CQ48 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550IJ44 EXAR-ST16C550IJ44 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
More results

Similar Description - ST16C550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com