Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7428D1L3R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7428D1L3R2G
Description  System Basis Chip with Integrated LIN and Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7428D1L3R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7428D1L3R2G Datasheet HTML 4Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 5Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 6Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 7Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 8Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 9Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 10Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 11Page - ON Semiconductor NCV7428D1L3R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCV7428
www.onsemi.com
8
Table 7. AC CHARACTERISTICS (VS = 5.5 V to 28 V; TJ = −40°C to +150°C; unless otherwise specified. For the transmitter
parameters, the following bus loads are considered: L1 = 1 k
W / 1 nF; L2 = 660 W / 6.8 nF; L3 = 500 W / 10 nF)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LIN TRANSMITTER
D1
Duty Cycle 1 =
tBUS_REC(min) / (2 x tBIT)
THREC(max) = 0.744 x VS
THDOM(max) = 0.581 x VS
tBIT = 50 ms
VS = 7 V to 18 V
0.396
0.5
D2
Duty Cycle 2 =
tBUS_REC(max) / (2 x tBIT)
THREC(min) = 0.422 x VS
THDOM(min) = 0.284 x VS
tBIT = 50 ms
VS = 7.6 V to 18 V
0.5
0.581
D3
Duty Cycle 3 =
tBUS_REC(min) / (2 x tBIT)
THREC(max) = 0.778 x VS
THDOM(max) = 0.616 x VS
tBIT = 96 ms
VS = 7 V to 18 V
0.417
0.5
D4
Duty Cycle 4 =
tBUS_REC(max) / (2 x tBIT)
THREC(min) = 0.389 x VS
THDOM(min) = 0.251 x VS
tBIT = 96 ms
VS = 7.6 V to 18 V
0.5
0.590
tfallNS
LIN falling edge normal slope
Normal Mode; VS = 12 V
22.5
ms
triseNS
LIN rising edge normal slope
Normal Mode; VS = 12 V
22.5
ms
tsymNS
LIN slope symmetry normal slope
Normal Mode; VS = 12 V
−4
0
4
ms
tfallLS
LIN falling edge low slope (Note 12)
Normal Mode; VS = 12 V
45
ms
triseLS
LIN rising edge low slope (Note 12)
Normal Mode; VS = 12 V
45
ms
ttx_prop_down
Propagation Delay of TxD to LIN.
TxD high to low
(Note 11)
10
ms
ttx_prop_up
Propagation Delay of TxD to LIN.
TxD low to high
(Note 11)
10
ms
tTxD_timeout
TxD dominant timeout
TxD = Low; LIN dominant
timeout enabled
7
13
24
ms
LIN RECEIVER
trec_prop_down
Propagation delay of receiver falling
edge
0.1
6
ms
trec_prop_up
Propagation delay of receiver rising
edge
0.1
6
ms
trec_sym
Propagation delay symmetry
Trec_prop_down
Trec_prop_up
−2
2
ms
tLIN_wake
Dominant duration for wakeup
LIN in wakeup mode
30
80
150
ms
MODE TRANSITIONS AND TIMEOUTS
tsynch
Input signal synchronization delay
5
15
40
ms
tsynch_action
Delay from the asynchronous input
pin change to the system state
change
11
25
55
ms
tmodsel_set
Low power mode selection delay
17
30
55
ms
treset
RSTN pulse extension
2
5
10
ms
tVOUT_RES_filt
Undervoltage detection filter time
11
25
55
ms
11. Values based on design and characterization. Not tested in production.
12. For low slope versions only (NV7428L5 and NV7428L3)


Similar Part No. - NCV7428D1L3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7428D1L3R2G ONSEMI-NCV7428D1L3R2G Datasheet
182Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
August, 2016 ??Rev. 5
More results

Similar Description - NCV7428D1L3R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7428 ONSEMI-NCV7428_16 Datasheet
182Kb / 19P
   System Basis Chip with Integrated LIN and Voltage Regulator
August, 2016 ??Rev. 5
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33689D FREESCALE-33689D Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Infineon Technologies A...
TLE7263E INFINEON-TLE7263E Datasheet
902Kb / 63P
   Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
Rev. 1.51, June 2007
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com