Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYTHON25K Datasheet(PDF) 1 Page - ON Semiconductor

Part # PYTHON25K
Description  PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON25K Datasheet(HTML) 1 Page - ON Semiconductor

  PYTHON25K Datasheet HTML 1Page - ON Semiconductor PYTHON25K Datasheet HTML 2Page - ON Semiconductor PYTHON25K Datasheet HTML 3Page - ON Semiconductor PYTHON25K Datasheet HTML 4Page - ON Semiconductor PYTHON25K Datasheet HTML 5Page - ON Semiconductor PYTHON25K Datasheet HTML 6Page - ON Semiconductor PYTHON25K Datasheet HTML 7Page - ON Semiconductor PYTHON25K Datasheet HTML 8Page - ON Semiconductor PYTHON25K Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 0
1
Publication Order Number:
NOIP1SN025KA/D
NOIP1SN025KA,
NOIP1SN016KA,
NOIP1SN012KA,
NOIP1SN010KA
PYTHON 25K/16K/12K/10K
Global Shutter CMOS Image
Sensors
Features
A Pin-compatible Family with Multiple Resolutions:
25K = 5120 x 5120 Active Pixels
16K = 4096 x 4096 Active Pixels
12K = 4096 x 3072 Active Pixels
10K = 3840 x 2896 Active Pixels
4.5 mm x 4.5 mm Low Noise Global Shutter Pixels with
In-pixel Correlated Double Sampling (CDS)
APS−H Optical Format (32.6 mm Diagonal) for 25K
Monochrome (SN), Color (SE) and NIR (FN)
Random Programmable Region of Interest (ROI) Readout
Pipelined and Triggered Global Shutter
On-chip Fixed Pattern Noise (FPN) Correction
10-bit Analog-to-Digital Converter (ADC)
32 Low-voltage Differential Signaling (LVDS) High-speed
Serial Outputs
Serial Peripheral Interface (SPI)
High-speed: 80 Frames per Second (fps) at 25 Mpix
4.6 W Power Dissipation at Full Resolution, x32 LVDS
Mode
Operational Range: −40°C to +85°C
355-pin mPGA Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Motion Monitoring
Intelligent Traffic Systems (ITS)
Pick and Place Machines
Inspection
Metrology
Descriptio
n
The PYTHON xK family of CMOS image sensors provide high resolution with very high bandwidth (up to 80 frame per
second readout for 25 megapixel readout) in a pin−compatible family of devices.
The high sensitivity 4.5
mm pixels support both pipelined and triggered global shutter readout modes. The sensor also
supports correlated double sampling (CDS) readout in global shutter mode, reducing noise and increasing dynamic range.
The sensor is programmed using a four−wire serial peripheral interface. Black level can be calibrated automatically, or
adjusted using a user programmable offset. The sensor also supports readout of up to 32 separate regions of interest (ROI) to
increase frame rate. Image data is accessed through 32, 16, 8, or 4 LVDS channels, each running at 720 Mbps, and a separate
synchronization channel is provided to facilitate image reconstruction.
The PYTHON xK family is packaged in a 355-pin
mPGA package and is available in a monochrome, Bayer color, and
extended near−infrared (NIR) configurations.
www.onsemi.com
Figure 1. PYTHON XK Photograph


Similar Part No. - PYTHON25K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
More results

Similar Description - PYTHON25K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
   Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com