Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7425DW5R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7425DW5R2G
Description  LIN Transceiver with Voltage Regulator and Reset Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7425DW5R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7425DW5R2G Datasheet HTML 1Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 2Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 3Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 4Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 5Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 6Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 7Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 8Page - ON Semiconductor NCV7425DW5R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCV7425
www.onsemi.com
4
Figure 3. Pin Assignment
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VBB
VCC
LIN
GND
GND
WAKE
INH
OTP_SUP
n.c.
RxD
TxD
RSTN
STB
EN
TEST
n.c.
Table 3. PIN FUNCTION DESCRIPTION
Pin Number
Pin Name
Description
1
VBB
Battery supply input
2
LIN
LIN bus output/input
3
GND
Ground
4
GND
Ground
5
WAKE
High voltage digital input pin to switch the part from sleep− to standby mode
6
INH
Inhibit output
7
OTP_SUP
Supply for programming of trimming bits at factory testing, needs to be grounded in the application
8
n.c.
not connected
9
n.c.
not connected
10
TEST
Digital input for factory testing, needs to be grounded in the application
11
EN
Enable input for mode control
12
STB
Standby mode control input
13
RSTN
Reset output; open−drain output with an on−chip pull−up resistor
14
TxD
Transmit data input, Low in dominant state
15
RxD
Receive data output; Low in dominant state; push−pull output
16
VCC
Voltage regulator output
FUNCTIONAL DESCRIPTION
Overall Functional Description
LIN is a serial communication protocol that efficiently
supports the control of mechatronic nodes in distributed
automotive applications. The domain is class−A multiplex
buses with a single master node and a set of slave nodes.
NCV7425 is designed as a master or slave node for the
LIN communication interface with an integrated 3.3 V or
5 V voltage regulator having a current capability up to
150 mA
for
supplying
any
external
components
(microcontroller, CAN node, etc.).
NCV7425 contains the LIN transmitter, LIN receiver,
voltage regulator, power−on−reset (POR) circuits and
thermal shutdown (TSD). The LIN transmitter is optimized
for the maximum specified transmission speed of 20 kBaud
with EMC performance due to reduced slew rate of the LIN
output.
The junction temperature is monitored via a thermal
shutdown circuit that switches the LIN transmitter and
voltage regulator off when temperature exceeds the TSD
trigger level.
NCV7425 has four operating states (normal mode, low
slope mode, standby mode, and sleep mode) that are
determined by the input signals EN, WAKE, STB, and TxD.
Operating States
NCV7425 provides four operating states, two modes for
normal operation with communication, one standby without
communication and one low power mode with very low
current consumption − see Figure 4 and Table 4.


Similar Part No. - NCV7425DW5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7425DW5R2G ONSEMI-NCV7425DW5R2G Datasheet
367Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
More results

Similar Description - NCV7425DW5R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com