Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7425DW0G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7425DW0G
Description  LIN Transceiver with Voltage Regulator and Reset Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7425DW0G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7425DW0G Datasheet HTML 1Page - ON Semiconductor NCV7425DW0G Datasheet HTML 2Page - ON Semiconductor NCV7425DW0G Datasheet HTML 3Page - ON Semiconductor NCV7425DW0G Datasheet HTML 4Page - ON Semiconductor NCV7425DW0G Datasheet HTML 5Page - ON Semiconductor NCV7425DW0G Datasheet HTML 6Page - ON Semiconductor NCV7425DW0G Datasheet HTML 7Page - ON Semiconductor NCV7425DW0G Datasheet HTML 8Page - ON Semiconductor NCV7425DW0G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 3
1
Publication Order Number:
NCV7425/D
NCV7425
LIN Transceiver with
Voltage Regulator and
Reset Pin
General Description
The NCV7425 is a fully featured local interconnect network (LIN)
transceiver designed to interface between a LIN protocol controller
and the physical bus.
The NCV7425 LIN device is a member of the in−vehicle
networking (IVN) transceiver family of ON Semiconductor that
integrates a LIN v2.1 physical transceiver and a low−drop voltage
regulator.
The LIN bus is designed to communicate low rate data from control
devices such as door locks, mirrors, car seats, and sunroofs at the
lowest possible cost. The bus is designed to eliminate as much wiring
as possible and is implemented using a single wire in each node. Each
node has a slave MCU−state machine that recognizes and translates
the instructions specific to that function. The main attraction of the
LIN bus is that all the functions are not time critical and usually relate
to passenger comfort.
Features
LIN−Bus Transceiver
LIN compliant to specification revision 2.1
(backward compatible to versions 2.0 and 1.3) and
J2602
Bus Voltage
±45 V
Transmission Rate up to 20 kBaud
Integrated Slope Control for Improved EMI
Compatibility
Package
SOIC−16 Wide Body Package with Exposed Pad
Protection
Thermal Shutdown
Indefinite Short−Circuit Protection on Pins LIN and
WAKE Towards Supply and Ground
Load Dump Protection (45 V)
Bus Pins Protected Against Transients in an
Automotive Environment
ESD Protection Level for LIN, INH, WAKE and
VBB up to
±10 kV
Voltage Regulator
Two Device Versions: Output Voltage 3.3 V or 5 V
For Loads up to 150 mA
Undervoltage Detector with a Reset Output to the
Supplied Microcontroller
INH Output for Auxiliary Purposes (switching of an
external pull−up or resistive divider towards battery,
control of an external voltage regulator etc.)
Modes
Normal Mode: LIN Communication in Either Low
(up to 10 kBaud) or Normal Slope
Sleep Mode: VCC is Switched “off” and No
Communication on LIN Bus
Standby Mode: VCC is Switched “on” but There is
No Communication on LIN Bus
Wake−up Bringing the Component From Sleep
Mode Into Standby Mode is Possible Either by LIN
Command or Digital Input Signal on WAKE Pin
Wake−up from LIN Bus can also be Detected and
Flagged When the Chip is Already in Standby Mode
Quality
NCV Prefix for Automotive and Other Applications
Requiring Unique Site and Control Change
Requirements; AEC−Q100 Qualified and PPAP
Capable
These Devices are Pb−Free, Halogen Free/BFR Free
and are RoHS Compliant
Typical Applications
Automotive
Industrial Networks
SOIC−16 LEAD
WIDE BODY
EXPOSED PAD
CASE 751AG
MARKING
DIAGRAM
NCV7425−x
AWLYYWWG
1
16
1
16
www.onsemi.com
x
= 0 or 5
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the
package dimensions section on page 19 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCV7425DW0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7425DW0G ONSEMI-NCV7425DW0G Datasheet
367Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
More results

Similar Description - NCV7425DW0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com