Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7424DB0R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7424DB0R2G
Description  Four Channel LIN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7424DB0R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7424DB0R2G Datasheet HTML 4Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 5Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 6Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 7Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 8Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 9Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 10Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 11Page - ON Semiconductor NCV7424DB0R2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCV7424
www.onsemi.com
11
LINx
t
60%
40%
60%
40%
100%
0%
Figure 6. LINx Bus Transmitter Rising and Falling Times
tfall
trise
50%
t
rec_prop_up
RxDx
t
LINx
t
t
rec_prop_down
Figure 7. LINx Bus Receiver Timing
60% VBB
40% VBB
VBB
Figure 8. LINx Transmitter Timing
50%
tBIT
TxDx
LINx
t
ttx_prop_down
t
tBIT
ttx_prop_up
VBB
60% VBB
40% VBB
ORDERING INFORMATION
Part Number
Description
Temperature Range
Package
Shipping
NCV7424DB0R2G
Quad LIN
Transceiver
−40
°C to +125°C
TSSOP−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV7424DB0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7424DB0R2G ONSEMI-NCV7424DB0R2G Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
More results

Similar Description - NCV7424DB0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7424D ONSEMI-NCV7424D Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
NCV7424 ONSEMI-NCV7424 Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Melexis Microelectronic...
MLX80001 MELEXIS-MLX80001 Datasheet
861Kb / 28P
   4-channel Master LIN Transceiver
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com