Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7381DP0R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7381DP0R2G
Description  FlexRay Bus Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7381DP0R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7381DP0R2G Datasheet HTML 3Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 4Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 5Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 6Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 7Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 8Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 9Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 10Page - ON Semiconductor NCV7381DP0R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
NCV7381
http://onsemi.com
7
Operating Mode Changes Caused by Internal Flags
Changes of some internal flags described in Table 3 can
force an operating mode transition complementing or
overruling the operating mode control by the digital inputs
STBN and EN which is shown in Figure 3:
Setting the VBAT or VIO under−voltage flag causes a
transition to the Sleep mode
Setting the VCC under−voltage flag, while the bus driver
is not in Sleep, causes a transition to the Standby mode
Reset of the Under−voltage flag (i.e. recovery from
under−voltage) re−enables the control of the chip by
digital inputs STBN and EN.
Setting of the Wake flag causes the reset of all
under−voltage flags and the NCV7381 transitions to the
Standby mode. The reset of the under−voltage flags
allows the external power supplies to stabilize properly
if, for example, they were previously switched off
during Sleep mode.
FlexRay Bus Driver
NCV7381 contains a fully−featured FlexRay bus driver
compliant with Electrical Physical Layer Specification Rev.
3.0.1. The transmitter part translates logical signals on
digital inputs TxEN, BGE and TxD into appropriate bus
levels on pins BP and BM. A transmission cannot be started
with Data_1. In case the transmitter is enabled for longer
than dBDTxActiveMax, the TxEN Timeout flag is set and the
current transmission is disabled. The receiver part monitors
bus pins BP and BM and signals the detected levels on digital
outputs RxD and RxEN. The different bus levels are defined
in Figure 5. The function of the bus driver and the related
digital pins in different operating modes is detailed in
Table 4 and Table 5.
The transmitter can only be enabled if the activation of
the transmitter is initiated in Normal mode.
The receiver function is enabled by entering a
normal−power mode.
BP
BM
Idle_LP
Idle
Data_0
Data_1
Figure 5. FlexRay Bus Signals
VCC/2
uBus
Table 4. TRANSMITTER FUNCTION AND TRANSMITTER−RELATED PINS
Operating Mode
BGE
TxEN
TxD
Transmitted Bus Signal
Standby, Go−to−sleep, Sleep
x
x
x
Idle_LP
Receive−only
x
x
x
Idle
Normal
0
x
x
Idle
1
1
x
Idle
1
0
0
Data_0
1
0
1
Data_1
Table 5. RECEIVER FUNCTION AND RECEIVER−RELATED PINS
Operating Mode
Signal on Bus
Wake flag
RxD
RxEN
Standby, Go−to−sleep, Sleep
x
not set
High
High
x
set
Low
Low
Normal,
Receive−only
Idle
x
High
High
Data_0
x
Low
Low
Data_1
x
High
Low


Similar Part No. - NCV7381DP0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7381DP0R2G ONSEMI-NCV7381DP0R2G Datasheet
225Kb / 23P
   FlexRay Bus Driver
May, 2012 ??Rev. 0
NCV7381DP0R2G ONSEMI-NCV7381DP0R2G Datasheet
172Kb / 23P
   FlexRay Bus Driver
July, 2016 ??Rev. 3
More results

Similar Description - NCV7381DP0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7381 ONSEMI-NCV7381 Datasheet
225Kb / 23P
   FlexRay Bus Driver
May, 2012 ??Rev. 0
NCV7383 ONSEMI-NCV7383 Datasheet
225Kb / 21P
   FlexRay Bus Driver
September, 2013 ??Rev. 0
NCV7381 ONSEMI-NCV7381_16 Datasheet
172Kb / 23P
   FlexRay Bus Driver
July, 2016 ??Rev. 3
NUP2115L ONSEMI-NUP2115L_16 Datasheet
140Kb / 5P
   Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
logo
Diodes Incorporated
DESD1FLEX2SOQ DIODES-DESD1FLEX2SOQ Datasheet
375Kb / 5P
   FLEXRAY BUS ESD PROTECTION DIODE
logo
ON Semiconductor
NUP2115L ONSEMI-NUP2115L Datasheet
112Kb / 5P
   Dual Line FlexRay Bus Protector
April, 2013 ??Rev. 0
logo
NXP Semiconductors
PESD1FLEX NXP-PESD1FLEX Datasheet
97Kb / 12P
   FlexRay bus ESD protection diode
Rev. 02-15 February 2008
logo
Diodes Incorporated
DESD2FLEX2SOQ DIODES-DESD2FLEX2SOQ Datasheet
323Kb / 5P
   FLEXRAY BUS ESD PROTECTION DIODE
logo
Nexperia B.V. All right...
PESD1FLEX NEXPERIA-PESD1FLEX Datasheet
210Kb / 11P
   FlexRay bus ESD protection diode
7 November 2021
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
   FlexRay transceiver
Rev. 01-20 July 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com