Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7356D2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7356D2G
Description  Single Wire CAN Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356D2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7356D2G Datasheet HTML 4Page - ON Semiconductor NCV7356D2G Datasheet HTML 5Page - ON Semiconductor NCV7356D2G Datasheet HTML 6Page - ON Semiconductor NCV7356D2G Datasheet HTML 7Page - ON Semiconductor NCV7356D2G Datasheet HTML 8Page - ON Semiconductor NCV7356D2G Datasheet HTML 9Page - ON Semiconductor NCV7356D2G Datasheet HTML 10Page - ON Semiconductor NCV7356D2G Datasheet HTML 11Page - ON Semiconductor NCV7356D2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCV7356
www.onsemi.com
8
TIMING MEASUREMENT LOAD CONDITIONS
Normal and High Voltage Wake−Up Mode
High−Speed Mode
min load / min tau
3.3 k
W / 540 pF
Additional 140
W tool resistance
to ground in parallel
min load / max tau
3.3 k
W / 1.2 nF
max load / min tau
200
W / 5.0 nF
Additional 120
W tool resistance
to ground in parallel
max load / max tau
200
W / 20 nF
ELECTRICAL CHARACTERISTICS (5.0 V
≤ VBAT ≤ 27 V, −40°C ≤ TA ≤ 125°C, unless otherwise specified.)
AC CHARACTERISTICS (See Figures 4, 5, and 6)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Transmit Delay in Normal and Wake−Up Mode,
Bus Rising Edge (Notes 12, 13)
tTr
Min and Max Loads per Timing
Measurement Load Conditions
2.0
6.3
ms
Transmit Delay in Wake−Up Mode to VihWU,
Bus Rising Edge (Notes 12, 14)
tTWUr
Min and Max Loads per Timing
Measurement Load Conditions
2.0
18
ms
Transmit Delay in Normal Mode,
Bus Falling Edge (Notes 15, 16)
tTf
Min and Max Loads per Timing
Measurement Load Conditions
1.8
10
ms
Transmit Delay in Wake−Up Mode,
Bus Falling Edge (Notes 15, 16)
tTWU1f
Min and Max Loads per Timing
Measurement Load Conditions
3.0
13.7
ms
Transmit Delay in High−Speed Mode,
Bus Rising Edge (Notes 12, 17)
tTHSr
Min and Max Loads per Timing
Measurement Load Conditions
0.1
1.5
ms
Transmit Delay in High−Speed Mode,
Bus Falling Edge (Notes 16, 18)
tTHSf
Min and Max Loads per Timing
Measurement Load Conditions
0.04
3.0
ms
Receive Delay, All Active Modes (Note 19)
tDR
CANH High to Low Transition
0.3
1.0
ms
Receive Delay, All Active Modes (Note 19)
tRD
CANH Low to High Transition
0.3
1.0
ms
Input Minimum Pulse Length,
All Active Modes (Note 17)
tmpDR
tmpRD
CANH High to Low Transition
CANH Low to High Transition
0.1
0.1
1.0
1.0
ms
Wake−Up Filter Time Delay
tWUF
See Figure 5
10
70
ms
Receive Blanking Time, After
TxD L−H Transition
trb
See Figure 6
0.5
6.0
ms
TxD Timeout Reaction Time
ttout
Normal and High−Speed Mode
17
ms
TxD Timeout Reaction Time
ttoutwu
Wake−Up Mode
17
ms
Delay from Normal to High−Speed and
High Voltage Wake−Up Mode
tdnhs
30
ms
Delay from High−Speed and High Voltage
Wake−Up to Normal Mode
tdhsn
30
ms
Delay from Normal to Standby Mode
tdsby
VBAT = 6.0 V to 27 V
500
ms
Delay from Sleep to Normal Mode
tdsnwu
VBAT = 6.0 V to 27 V
50
ms
Delay from Sleep to High Voltage Mode
tdshv
VBAT = 6.0 V to 27 V
50
ms
Delay from Standby to Sleep Mode (Note 20)
tdsleep
VBAT = 6.0 V to 27 V
100
250
500
ms
12. Minimum signal delay time is measured from the TxD voltage threshold to CANH = 1.0 V.
t load should be min per the Timing Measurement
Load Conditions table.
13. Maximum signal delay time is measured from the TxD voltage threshold to CANH = 3.5 V at VBAT = 27 V, CANH = 2.8 V at VBAT = 5.0 V. t load
should be max per the Timing Measurement Load Conditions table.
14. Maximum signal delay time is measured from the TxD voltage threshold to CANH = 9.2 V. Vihwumax = Vihwufix,
max + Vgoff = 7.9 V + 1.3 V = 9.2 V. t load should be max per the Timing Measurement Load Conditions table.
15. Minimum signal delay time is measured from the TxD voltage threshold to CANH = 3.5 V at VBAT = 27 V, CANH = 2.8 V at VBAT = 5.0 V. t load
should be min per the Timing Measurement Load Conditions table.
16. Maximum signal delay time is measured from the TxD voltage threshold to CANH = 1 V.
t load should be max per the Timing Measurement
Load Conditions table.
17. Maximum signal delay time is measured from the TxD voltage threshold to CANH = 3.5 V.
t load should be max per the Timing Measurement
Load Conditions table.
18. Minimum signal delay time is measured from the TxD voltage threshold to CANH = 3.5 V.
t load should be min per the Timing Measurement
Load Conditions table.
19. Receive delay time is measured from the rising / falling edge crossing of the nominal Vih value on CANH to the falling (Vcmos_il_max) / rising
(Vcmos_ih_min) edge of RxD. This parameter is tested by applying a square wave signal to CANH. The minimum slew rate for the bus rising
and falling edges is 50 V/
ms. The low level on bus is always 0 V. For normal mode and high−speed mode testing the high level on bus is 4 V.
For HVWU mode testing the high level on bus is VBAT − 2 V. Relaxation of this non−critical parameter from 0.15 ms to 0.10 ms may be addressed
in future revisions of GMW3089.
20. Tested on 14 Pin package only.


Similar Part No. - NCV7356D2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
206Kb / 24P
   Single Wire CAN Transceiver
September, 2016 ??Rev. 12
NCV7356D2G ONSEMI-NCV7356D2G Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results

Similar Description - NCV7356D2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com