Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1217AP133G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1217AP133G
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217AP133G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1217AP133G Datasheet HTML 6Page - ON Semiconductor NCP1217AP133G Datasheet HTML 7Page - ON Semiconductor NCP1217AP133G Datasheet HTML 8Page - ON Semiconductor NCP1217AP133G Datasheet HTML 9Page - ON Semiconductor NCP1217AP133G Datasheet HTML 10Page - ON Semiconductor NCP1217AP133G Datasheet HTML 11Page - ON Semiconductor NCP1217AP133G Datasheet HTML 12Page - ON Semiconductor NCP1217AP133G Datasheet HTML 13Page - ON Semiconductor NCP1217AP133G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NCP1217, NCP1217A
www.onsemi.com
10
Figure 18. Typical Waveforms in Short Circuit Conditions
VCCON = 12.8 V
VCC
DRIVING PULSES
VCCmin = 7.6 V
VCClatch = 5.6 V
Calculating the VCC Capacitor
The VCC capacitor can be calculated knowing the IC
consumption as soon as VCC reaches 12.8 V. Suppose that a
NCP1217P065 is used and drives a MOSFET with a 30 nC
total gate charge (Qg). The total average current is thus
made of ICC1 (750
mA) plus the driver current,
Fsw * Qg + 1.95 mA. The total current is therefore 2.7 mA.
The
DV available to fully startup the circuit (e.g. never reach
the 8.2 V VCCmin during power on) is 13.7−8.2 + 5.5 V
best case or 4.9 V worse case (11.9−7.0). We have a
capacitor that then needs to supply the NCP1217 with
2.7 mA during a given time until the auxiliary supply takes
over. Suppose that this time was measured at around 15 ms.
CVCC is calculated using the equation C +
Dt·i
DV
or
C w 8.3 mF. Select a 22
mF/25 V and this will fit.
Skipping Cycle Mode
The NCP1217 automatically skips switching cycles when
the output power demand drops below a given level. This is
accomplished by monitoring the FB pin. In normal
operation, pin 2 imposes a peak current accordingly to the
load value. If the load demand decreases, the internal loop
asks for less peak current. When this setpoint reaches a
determined level (Vpin 1), the IC prevents the current from
decreasing further down and starts to blank the output
pulses: the IC enters the so−called skip cycle mode, also
named controlled burst operation. The power transfer now
depends upon the width of the pulse bunches (Figure 20).
Suppose we have the following component values:
Lp, primary inductance = 350
mH
Fsw, switching frequency = 65 kHz
Ip skip = 600 mA (or 333 mV/Rsense)
The
theoretical
power
transfer
is
therefore:
1
2
·Lp·Ip2 ·Fsw + 4.1 W. If this IC enters skip cycle
mode with a bunch length of 10 ms over a recurrent
period of 100 ms, then the total power transfer is:
4.1 * 0.1 + 410 mW.
To better understand how this skip cycle mode takes place,
a look at the operation mode versus the FB level
immediately gives the necessary insight.
Figure 19.
SKIP CYCLE OPERATION
IP(min) = 333 mV/RSENSE
NORMAL CURRENT
MODE OPERATION
FB
1 V
4.2 V, FB Pin Open
3.2 V, Upper
Dynamic Range
Time
When FB is above the skip cycle threshold (1.0 V by
default), the peak current cannot exceed 1.0 V/Rsense.
When the IC enters the skip cycle mode, the peak current
cannot go below Vpin1/3.3. The user still has the flexibility
to alter this 1.0 V by either shunting pin 1 to ground through
a resistor or raising it through a resistor up to the desired
level. In this later case, care must be taken to keep sufficient
margin between this pin 1 adjustment level and the latchoff
level. Grounding pin 1 permanently invalidates the skip
cycle operation.


Similar Part No. - NCP1217AP133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217AP133G ONSEMI-NCP1217AP133G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217AP133G ONSEMI-NCP1217AP133G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
More results

Similar Description - NCP1217AP133G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com