Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7342D13R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7342D13R2G
Description  High Speed Low Power CAN Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7342D13R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7342D13R2G Datasheet HTML 1Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 2Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 3Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 4Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 5Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 6Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 7Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 8Page - ON Semiconductor NCV7342D13R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCV7342
www.onsemi.com
5
TYPICAL APPLICATION
NCV7342−3
STB
RxD
TxD
1
4
Micro
Controller
GND
VBAT
5V−reg
GND
2
5
8
CANH
CANL
3
6
7
CAN
BUS
3V−reg
RB20120816
RLT = 60 W
RLT = 60 W
Figure 3. Application Diagram NCV7342−3
STB
RxD
TxD
1
4
Micro
Controller
GND
VBAT
5V−reg
IN
OUT
GND
2
3
8
CANH
CANL
5
6
7
CAN
BUS
RB20120816
VSPLIT
RLT = 60 W
RLT = 60 W
CLT = 4.7 nF
Figure 4. Application Diagram NCV7342−0
CLT = 4.7 nF
VIO
VIO
VCC
VCC
VCC
Table 2. PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
TxD
Transmit data input; Low input
Ù dominant driver; internal pull−up current
2
GND
Ground
3
VCC
Supply voltage
4
RxD
Receive data output; dominant transmitter
Ù Low output
5
5
VIO
VSPLIT
Input/Output pins supply voltage. On NCV7342−3 only
Common−mode stabilization output. On NCV7342−0 only
6
CANL
Low−level CAN bus line (Low in dominant mode)
7
CANH
High−level CAN bus line (High in dominant mode)
8
STB
Standby mode control input
EP
Exposed Pad
Connect to GND or left floating


Similar Part No. - NCV7342D13R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7342D13R2G ONSEMI-NCV7342D13R2G Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results

Similar Description - NCV7342D13R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com