Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1217AD65R2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1217AD65R2G
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217AD65R2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1217AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 11Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 12Page - ON Semiconductor NCP1217AD65R2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NCP1217, NCP1217A
www.onsemi.com
9
Startup Sequence
When the power supply is first powered from the mains
outlet, the internal current source (typically 7.0 mA) is
biased and charges up the VCC capacitor. When the voltage
on this VCC capacitor reaches the VCCON level (typically
12.8 V), the current source turns off and no longer wastes
any power. At this time, the VCC capacitor only supplies the
controller and the auxiliary supply is supposed to take over
before VCC collapses below VCCmin. Figure 16 shows the
internal arrangement of this structure.
Figure 16. The Current Source Brings VCC Above 12.8 V and then Turns Off
-
+
8
6
4
6 mA or 0
CVCC
Aux
HV
12.8 V/5.6 V
Once the power supply has started, the VCC shall be
constrained below 16 V, which is the maximum rating on
Pin 6. Figure 17 portrays a typical startup sequence with a
VCC regulated at 12.5 V.
Figure 17. A Typical Startup Sequence for
the NCP1217
t, TIME (sec)
3.00 M
8.00 M
13.0 M
18.0 M
23.0 M
13.5
12.5
11.5
10.5
9.5
REGULATION
12.8 V
Overload Operation
In applications where the output current is purposely not
controlled (e.g. wall adapters delivering raw DC level), it is
interesting to implement a true short−circuit protection. A
short−circuit actually forces the output voltage to be at a low
level, preventing a bias current to circulate in the
optocoupler LED. As a result, the auxiliary voltage also
decreases because it also operates in Flyback and thus
duplicates the output voltage, providing the leakage
inductance between windings is kept low. To account for this
situation and properly protect the power supply, NCP1217
hosts a dedicated overload detection circuitry. Once
activated, this circuitry imposes to deliver pulses in a burst
manner with a low duty−cycle. The system auto−recovers
when the fault condition disappears.
During the startup phase, the peak current is pushed to the
maximum until the output voltage reaches its target and the
feedback loop takes over. The auxiliary voltage takes place
after a few switching cycles and self−supplies the IC. In
presence of a short circuit on the output, the auxiliary
voltage will go down until it crosses the undervoltage
lockout level of typically 7.6 V. When this happens,
NCP1217 immediately stops the switching pulses and
unbiases all unnecessary logical blocks. The overall
consumption drops, while keeping the gate grounded, and
the VCC slowly falls down. As soon as VCC reaches typically
5.6 V, the startup source turns−on again and a new startup
sequence occurs, bringing VCC toward 12.8 V as an attempt
to restart. If the default has gone, then the power supply
normally restarts. If not, a new protective burst is initiated,
shielding the SMPS from any runaway. Figure 18 portrays
the typical operating signals in short circuit.


Similar Part No. - NCP1217AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217AD65R2G ONSEMI-NCP1217AD65R2G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217AD65R2G ONSEMI-NCP1217AD65R2G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
More results

Similar Description - NCP1217AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com