Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1239ED65R2G Datasheet(PDF) 24 Page - ON Semiconductor

Part # NCP1239ED65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239ED65R2G Datasheet(HTML) 24 Page - ON Semiconductor

Back Button NCP1239ED65R2G Datasheet HTML 17Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 18Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 19Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 20Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 21Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 22Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 23Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 24Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
NCP1239
www.onsemi.com
24
SOFT-START
Soft-start is achieved by ramping up an internal reference,
VSSTART, and comparing it to current sense signal. VSSTART
ramps up from 0 V once the controller powers up. The
setpoint rise is then limited by the VSSTART ramp so that a
gradual increase of the power switch current during start-up.
The soft-start duration (that is, the time necessary for the
ramp to reach the VILIM1 steady state current limit), tSSTART,
is typically 8 ms.
DRIVER
The NCP1239 maximum supply voltage, VCC(max), is
25.5 V. Typical high-voltage MOSFETs have a maximum
gate-source voltage rating of 20 V. The DRV pin
incorporates an active voltage clamp to limit the gate voltage
on the external MOSFETs. The DRV voltage clamp,
VDRV(high) is typically 13.5 V with a maximum limit of 16 V.
THERMAL SHUTDOWN
An internal thermal shutdown circuit monitors the
junction temperature of the IC. The controller is disabled if
the junction temperature exceeds the thermal shutdown
threshold, TSHDN, typically 150
_C. A continuous VCC
hiccup is initiated after a thermal shutdown fault is detected.
The controller restarts at the next VCC(on) once the IC
temperature drops below below TSHDN by the thermal
shutdown hysteresis, TSHDN(HYS), typically 20
_C.
The thermal shutdown is also cleared if VCC drops below
VCC(reset) or a brown-out fault is detected. A new power up
sequences commences at the next VCC(on) once all the faults
are removed.
Table 5. ORDERING INFORMATION
Device
Marking
Freq.
OCP
Protection
VCC OVP
Protection
Fault Pin
Protection
BO
Levels
Package
Shipping
NCP1239AD65R2G
1239A065
65 kHz
Latch
Latch
Latch
110/101
SOIC−7
(Pb-Free)
2500 /
Tape &
Reel
NCP1239BD65R2G
1239B065
65 kHz
Auto-Recovery
Latch
Latch
110/101
NCP1239CD65R2G
1239C065
65 kHz
Auto-Recovery
Auto-Recovery
Latch
110/101
NCP1239DD65R2G
1239D065
65 kHz
Auto-Recovery
Latch
Latch
101/95
NCP1239ED65R2G
1239E065
65 kHz
Auto-Recovery
Auto-Recovery
Auto-Recovery
110/101
NCP1239AD100R2G
1239A100
100 kHz
Latch
Latch
Latch
110/101
NCP1239BD100R2G
1239B100
100 kHz
Auto-Recovery
Latch
Latch
110/101
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com