Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1239CD65R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1239CD65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239CD65R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1239CD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1239CD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NCP1239
www.onsemi.com
4
Table 3. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage, VCC Pin, Continuous Voltage
VCC
−0.3 to 35
V
Maximum Voltage on Low Power Pins CS, FB and Fault
−0.3 to 5.5
V
Maximum Voltage on DRV Pin
VDRV
−0.3 to 20
V
High Voltage Pin
HV
−0.3 to 650
V
Thermal Resistance Junction-to-Air
Single Layer PCB 25 mm
@, 2 Oz Cu Printed Circuit Copper Clad
RθJ−A
250
°C/W
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−60 to 150
°C
ESD Capability (Note 2)
Human Body Model – All Pins Except HV
Machine Model
ESDHBM
ESDMM
4
200
kV
V
Charged-Device Model ESD Capability per JEDEC JESD22−C101E
1
kV
Moisture Sensitivity Level
MSL
1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JEDEC JESD22−A114F
ESD Machine Model tested per JEDEC JESD22−A115C
Charged-Device Model ESD Capability tested per JEDEC JESD22−C101E
Latch-up Current Maximum Rating:
≤ 150 mA per JEDEC standard: JESD78
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max Values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
START-UP SECTION
Minimum Voltage for Current Source
Operation
IHV = 90% ISTART2,
VCC = VCC(on) − 0.5 V
VHV(min)
25
60
V
Current Flowing Out of VCC Pin
VCC = 0 V
ISTART1
0.2
0.5
0.8
mA
Current Flowing Out of VCC Pin
VCC = VCC(on) – 0.5 V
ISTART2
1.5
3
4.5
mA
HV Pin Leakage Current
VHV = 325 V
ILEAK1
8
20
mA
SUPPLY SECTION
Start-Up Threshold
HV Current Source Stop Threshold
VCC Increasing
VCC(on)
11.0
12.0
13.0
V
HV Current Source Restart Threshold
VCC Decreasing
VCC(min)
9.0
10.0
11.0
V
Minimum Operating Voltage
VCC Decreasing
VCC(off)
8.0
8.8
9.4
V
Operating Hysteresis
VCC(on) = VCC(off)
VCC(hys)
3.0
V
VCC Level for ISTART1 to ISTART2 Transition
VCC(inhibit)
0.7
1.2
1.7
V
VCC Level where Logic Functions are Reset
VCC Decreasing
VCC(reset)
6.5
7
7.5
V
Internal IC Consumption
VFB = 3.2 V, FSW = 65 kHz
and CL =0
ICC1
1.4
2.2
mA
Internal IC Consumption
VFB = 3.2 V, FSW = 65 kHz
and CL =1nF
ICC2
2.1
3.0
mA
Internal IC Consumption
VFB = 3.2 V, FSW = 100 kHz
and CL =0
ICC1
1.7
2.5
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Guaranteed by design
2. CS pin source current is a sum of IBIAS and IOPP, thus at VHV = 125 V is observed the IBIAS only, because IOPC is switched off.


Similar Part No. - NCP1239CD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239CD65R2G ONSEMI-NCP1239CD65R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239CD65R2G ONSEMI-NCP1239CD65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239CD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com