Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1217D100R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1217D100R2G
Description  Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1217D100R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1217D100R2G Datasheet HTML 1Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 2Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 3Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 4Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 5Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 6Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 7Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 8Page - ON Semiconductor NCP1217D100R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NCP1217, NCP1217A
www.onsemi.com
3
Figure 2. Internal Circuit Architecture
Overload
Management
UVLO High and Low
±500 mA
HV Current
Source
Internal VCC
8
7
6
5
HV
NC
VCC
Drv
1
2
3
4
Q Flip−Flop
DCmax = 74%
Q
250 ns
L.E.B.
65−100−133 kHz
Clock
-
+
-
+
80 k
20 k
57 k
1 V
Current
Sense
Ground
FB
Adj
24 k
25 k
+
VREF
Reset
1.1 V
Skip Cycle
Comparator
Set
19 k
Ramp
Compensation
Reset
-
+
Latchoff
Comparator
+
Latch
Reset
Set
3.1 V
UVLO
1ms SS*
* Available for “A” version only
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
16
V
Power Supply Voltage on All Other Pins Except Pin 8 (HV), Pin 6 (VCC) and Pin 5 (Drv)
−0.3 to 10
V
Maximum Voltage on Pin 8 (HV), Pin 6 (VCC) Decoupled to Ground with 10 mF
VHV
500
V
Maximum Voltage on Pin 8 (HV), Pin 6 (VCC) Grounded
VHV
450
V
Minimum Operating Voltage on Pin 8 (HV)
28
V
Maximum Current into All Pins Except VCC (6) and HV (8) when 10 V ESD Diodes are Activated
5.0
mA
Thermal Resistance, Junction−to−Case
RqJC
57
°C/W
Thermal Resistance, Junction−to−Air, PDIP−7 Version
Thermal Resistance, Junction−to−Air, SO−8 Version
RqJA
RqJA
100
178
°C/W
Maximum Junction Temperature
TJMAX
150
°C
Temperature Shutdown
155
°C
Hysteresis in Shutdown
30
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM Model (All Pins Except VCC and HV)
2.0
kV
ESD Capability, Machine Model
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. This device series contains ESD protection rated using the following tests:
Human Body Model (HBM) 2000 V per JEDEC Standard JESD22, Method A114E.
Machine Model (MM) 200 V per JEDEC Standard JESD22, Method A115A.


Similar Part No. - NCP1217D100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217D100R2G ONSEMI-NCP1217D100R2G Datasheet
241Kb / 18P
   Enhanced PWM Current?묺ode Controller for High?뭁ower Universal Off?묹ine Supplies
September, 2005 ??Rev. 4
NCP1217D100R2G ONSEMI-NCP1217D100R2G Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
More results

Similar Description - NCP1217D100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1217 ONSEMI-NCP1217 Datasheet
195Kb / 18P
   Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2004 ??Rev. 3
NCP1217 ONSEMI-NCP1217_10 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1217D65 ONSEMI-NCP1217D65 Datasheet
413Kb / 19P
   Enhanced PWM Current--Mode Controller for High--Power Universal Off--Line Supplies
December, 2010 -- Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com