Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1200D100R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1200D100R2G
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200D100R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1200D100R2G Datasheet HTML 1Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 2Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 3Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 4Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 5Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 6Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 7Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 8Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP1200
www.onsemi.com
2
6.5 V @ 600 mA
D2
1N5819
C5
10 mF
+
C3
10 mF
400 V
+
EMI
Filter
Adj
FB
CS
GND
C2
470 mF/10 V
Rf
470
Drv
VCC
NC
HV
1
2
3
4
8
7
6
5
Universal Input
M1
MTD1N60E
D8
5 V1
+
Figure 1. Typical Application
Rsense
*
*Please refer to the application information section
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Description
1
Adj
Adjust the Skipping Peak Current
This pin lets you adjust the level at which the cycle skipping process takes
place.
2
FB
Sets the Peak Current Setpoint
By connecting an Optocoupler to this pin, the peak current setpoint is adjus-
ted accordingly to the output power demand.
3
CS
Current Sense Input
This pin senses the primary current and routes it to the internal comparator
via an L.E.B.
4
GND
The IC Ground
5
Drv
Driving Pulses
The driver’s output to an external MOSFET.
6
VCC
Supplies the IC
This pin is connected to an external bulk capacitor of typically 10 mF.
7
NC
No Connection
This un−connected pin ensures adequate creepage distance.
8
HV
Generates the VCC from the Line
Connected to the high−voltage rail, this pin injects a constant current into
the VCC bulk capacitor.


Similar Part No. - NCP1200D100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200D100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com