Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVT16240 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVT16240
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT16240 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVT16240 Datasheet HTML 2Page - Texas Instruments SN74LVT16240 Datasheet HTML 3Page - Texas Instruments SN74LVT16240 Datasheet HTML 4Page - Texas Instruments SN74LVT16240 Datasheet HTML 5Page - Texas Instruments SN74LVT16240 Datasheet HTML 6Page - Texas Instruments SN74LVT16240 Datasheet HTML 7Page - Texas Instruments SN74LVT16240 Datasheet HTML 8Page - Texas Instruments SN74LVT16240 Datasheet HTML 9Page - Texas Instruments SN74LVT16240 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
Switching Characteristics
SN54LVT16240
,, SN74LVT16240
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS717A – APRIL 2000 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVT16240
SN74LVT16240
FROM
TO
VCC = 3.3 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
TYP(1)
MAX
MIN
MAX
tPLH
1
3.6
4.1
1
2.2
3.5
4
A
Y
ns
tPHL
1
3.6
4.1
1
2.7
3.5
4
tPZH
1
4.2
5.1
1
2.6
4
4.9
OE
Y
ns
tPZL
1.1
4.6
4.8
1.2
2.6
4.4
4.6
tPHZ
1.9
4.7
5.2
2
3.4
4.5
5
OE
Y
ns
tPLZ
1.9
4.4
4.5
2
3.2
4.2
4.2
tsk(LH)
0.5
0.5
ns
tsk(HL)
0.5
0.5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn