Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1239 Datasheet(PDF) 15 Page - ON Semiconductor

Part # NCP1239
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button NCP1239_15 Datasheet HTML 11Page - ON Semiconductor NCP1239_15 Datasheet HTML 12Page - ON Semiconductor NCP1239_15 Datasheet HTML 13Page - ON Semiconductor NCP1239_15 Datasheet HTML 14Page - ON Semiconductor NCP1239_15 Datasheet HTML 15Page - ON Semiconductor NCP1239_15 Datasheet HTML 16Page - ON Semiconductor NCP1239_15 Datasheet HTML 17Page - ON Semiconductor NCP1239_15 Datasheet HTML 18Page - ON Semiconductor NCP1239_15 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
NCP1239
www.onsemi.com
15
If the VCC capacitor is first dimensioned to supply the
controller for the traditional 5 to 50 ms until the auxiliary
winding takes over, no-load standby requirements usually
cause it to be larger. The HV start-up current source is then
a key feature since it allows keeping short start-up times with
large VCC capacitors (the total start-up sequence duration is
often required to be less than 1 s).
BROWN-OUT CIRCUITRY
For the vast majority of controllers, input line sensing is
performed via a resistive network monitoring the bulk
voltage or the incoming ac signal. When in the quest of low
standby power, the external network adds a consumption
burden and deteriorates the power supply standby power
performance. Owing to its proprietary high-voltage
technology, ON Semiconductor now offers onboard line
sensing without using an external network. The system
includes a 90-M
W resistive network that brings a minimum
start-up
threshold
and
an
auto-recovery
brown-out
protection. Both levels are independent from the input
voltage ripple. The brown-out thresholds are fixed (see
levels in the electrical characteristics table), but they are
designed to fit most of standard ac-dc converter
applications. The simplified internal schematic appears in
Figure 33 while typical operating waveforms are drawn in
Figure 34 and Figure 35.
Figure 33. A Simplified View of the Brown-Out Circuitry
L1
N
EMI
Filter
Vbulk
Rbo_H
Rbo_L
HV
GND
BO_OK
VBO
When the HV pin voltage drops below the VBO(off)
threshold, the brown-out protection trips: the controller
stops generating DRV pulses once the 68-ms BO timer
elapses. VCC is discharged to VCC(min) by the controller
consumption itself. When this level is reached, the HV
current source is activated to lifts VCC up again. At new
VCC(on), BO signal is again sensed. If VHV >VBO(on), the
parts restarts. If the condition is not met, no drive pulse is
delivered and internal IC consumption brings VCC down
again. As a result, VCC operates in hiccup mode during a BO
event.


Similar Part No. - NCP1239_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
More results

Similar Description - NCP1239_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com