Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV2241PQA Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV2241PQA
Description  FM Splitter IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV2241PQA Datasheet(HTML) 2 Page - ON Semiconductor

  LV2241PQA Datasheet HTML 1Page - ON Semiconductor LV2241PQA Datasheet HTML 2Page - ON Semiconductor LV2241PQA Datasheet HTML 3Page - ON Semiconductor LV2241PQA Datasheet HTML 4Page - ON Semiconductor LV2241PQA Datasheet HTML 5Page - ON Semiconductor LV2241PQA Datasheet HTML 6Page - ON Semiconductor LV2241PQA Datasheet HTML 7Page - ON Semiconductor LV2241PQA Datasheet HTML 8Page - ON Semiconductor LV2241PQA Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LV2241PQA
www.onsemi.com
2
Electrical Characteristics at Ta
 25C, VCC = 5V (Note 4)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current consumption
ICC
When no signal input
25
51
85
mA
Crosstalk (1)
S23
PIN4/PIN6
30
dB
Crosstalk (2)
S32
PIN6/PIN4
30
dB
4.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance
may not be indicated by the Electrical Characteristics if operated under different conditions
LNA at Ta
 25C, VCC = 5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Voltage gain
Gv
100MHz
6.8
9.8
12.8
dB
Input VSWR (Note 5)
VSWR1
Zi=50Ω
3
-
Output VSWR (Note 5)
VSWR2
Zo=50Ω
3
-
Input frequency range
fcfm
76
108
MHz
IIP3
IIP3fm
100MHz/101MHz@90dBµV
120
128
dBµV
Noise Figure (Note 5)
NF
2.5
dB
5.
For reference purpose only.
AGC at Ta
 25C, VCC = 5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
AGC attack point
Gattfm
Rattfm=56Ω
88
94
100
dBµV


Similar Part No. - LV2241PQA

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
LV2201 KNOX-LV2201 Datasheet
39Kb / 1P
   VHF HYPERABRUPT TUNING DIODES
LV2201A KNOX-LV2201A Datasheet
39Kb / 1P
   VHF HYPERABRUPT TUNING DIODES
LV2202 KNOX-LV2202 Datasheet
39Kb / 1P
   VHF HYPERABRUPT TUNING DIODES
LV2202A KNOX-LV2202A Datasheet
39Kb / 1P
   VHF HYPERABRUPT TUNING DIODES
logo
ON Semiconductor
LV2209 ONSEMI-LV2209 Datasheet
70Kb / 5P
   Silicon Tuning Diodes
January, 2006 ??Rev. 4
More results

Similar Description - LV2241PQA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
logo
List of Unclassifed Man...
TR5100 ETC1-TR5100 Datasheet
115Kb / 9P
   FM Transceiver IC
TBB1469 ETC-TBB1469 Datasheet
93Kb / 5P
   FM EMPFANGER IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
ATMEL Corporation
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
logo
Toshiba Semiconductor
TA2003P TOSHIBA-TA2003P Datasheet
282Kb / 10P
   AM/FM RADIO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com