Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS42665TJAA6RG Datasheet(PDF) 5 Page - ON Semiconductor

Part # AMIS42665TJAA6RG
Description  High-Speed Low Power CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS42665TJAA6RG Datasheet(HTML) 5 Page - ON Semiconductor

  AMIS42665TJAA6RG Datasheet HTML 1Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 2Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 3Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 4Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 5Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 6Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 7Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 8Page - ON Semiconductor AMIS42665TJAA6RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMIS−42665
http://onsemi.com
5
detected by the low−power differential receiver, the signal
is first filtered and then verified as a valid wake signal after
a time period of tdbus, the RxD pin is driven low by the
transceiver to inform the controller of the wake−up request.
Split Circuit
The VSPLIT Pin is operational only in normal mode. In
standby mode this pin is floating. The VSPLIT is connected
as shown in Figure 2 and its purpose is to provide a stabilized
DC voltage of 0.5 x VCC to the bus avoiding possible steps
in the common−mode signal therefore reducing EME. These
unwanted steps could be caused by an unpowered node on
the network with excessive leakage current from the bus that
shifts the recessive voltage from its nominal 0.5 x VCC
voltage.
Wake−up
When a valid wake−up (dominant state longer than tdbus)
is received during the standby mode the RxD pin is driven
low. Wake−up behavior in case of a permanent dominant –
due to, for example, a bus short – represents the only
difference between the circuit sub−versions listed in the
Ordering Information table. It is depicted in Figures 3 and 4.
When the standby mode is entered while a dominant is
present on the bus, the “unconditioned bus wake−up”
versions will signal a bus−wakeup immediately after the
state transition (seen as a High−level glitch on RxD). The
other version (differing purely by a metal−level
modification in the digital part) will signal bus−wakeup only
after the initial dominant is released. In this way it’s ensured,
that a CAN bus can be put to a low−power mode even if the
nodes have a level sensitivity to RxD pin and a permanent
dominant is present on the bus.
Overtemperature Detection
A thermal protection circuit protects the IC from damage
by switching off the transmitter if the junction temperature
exceeds a value of approximately 160
°C. Because the
transmitter dissipates most of the power, the power
dissipation and temperature of the IC are reduced. All other
IC functions continue to operate. The transmitter off−state
resets when Pin TxD goes high. The thermal protection
circuit is particularly needed when a bus line short circuits.
TxD Dominant Time−out Function
A TxD dominant time−out timer circuit prevents the bus
lines being driven to a permanent dominant state (blocking
all network communication) if Pin TxD is forced
permanently low by a hardware and/or software application
failure. The timer is triggered by a negative edge on pin TxD.
If the duration of the low−level on Pin TxD exceeds the
internal timer value tdom(TxD), the transmitter is disabled,
driving the bus into a recessive state. The timer is reset by a
positive edge on Pin TxD. See Figure 10.
This TxD dominant time−out time (tdom(TxD)) defines the
minimum possible bit rate to 40 kbps.
Fail Safe Features
A current−limiting circuit protects the transmitter output
stage from damage caused by accidental short circuit to
either positive or negative supply voltage, although power
dissipation increases during this fault condition.
The pins CANH and CANL are protected from
automotive electrical transients (according to ISO 7637; see
Figure 5). Pins TxD and STB are pulled high internally
should the input become disconnected. Pins TxD, STB and
RxD will be floating, preventing reverse supply should the
VCC supply be removed.
CANH
CANL
STB
RxD
Normal
Standby*
unconditioned WU
Figure 3. AMIS42665TJAA1/3 Wake−up Behavior
time
tdbus
tdbus
*Even if bus dominant signals longer than tdbus are echoed on RxD, the transceiver
stays in standby mode until STB is released.
Figure 4. AMIS42665TJAA6 Wake−up Behavior
CANH
CANL
STB
RxD
Normal
Standby*
time
*On this derivative, bus dominant signals longer than tdbus are echoed on RxD after the bus passed through
a recessive time following the trigger of STB. The transceiver stays in standby mode until STB is released.
tdbus


Similar Part No. - AMIS42665TJAA6RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS42665TJAA6RG ONSEMI-AMIS42665TJAA6RG Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
More results

Similar Description - AMIS42665TJAA6RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com