Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS42670ICAH2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # AMIS42670ICAH2G
Description  High-Speed CAN Transceiver for Long Networks
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS42670ICAH2G Datasheet(HTML) 2 Page - ON Semiconductor

  AMIS42670ICAH2G Datasheet HTML 1Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 2Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 3Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 4Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 5Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 6Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 7Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 8Page - ON Semiconductor AMIS42670ICAH2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMIS−42670
http://onsemi.com
2
Table 1. TECHNICAL CHARACTERISTICS
Symbol
Parameter
Condition
Max
Max
Unit
VCANH
DC Voltage at Pin CANH
0 < VCC < 5.25 V; no time limit
−45
+45
V
VCANL
DC Voltage at Pin CANL
0 < VCC < 5.25 V; no time limit
−45
+45
V
Vo(dif)(bus_dom)
Differential Bus Output Voltage in
Dominant State
42.5 W < RLT < 60 W
1.5
3
V
tpd(rec−dom)
Propagation Delay TxD to RxD
See Figure 6
70
245
ns
tpd(dom−rec)
Propagation Delay TxD to RxD
See Figure 6
100
245
ns
CM−range
Input Common−Mode Range for
Comparator
Guaranteed Differential Receiver Threshold
and Leakage Current
−35
+35
V
VCM−peak
Common−Mode Peak
See Figures 7 and 8 (Note 1)
−500
500
mV
VCM−step
Common−Mode Step
See Figures 7 and 8 (Note 1)
−150
150
mV
1. The parameters VCM−peak and VCM−step guarantee low electromagnetic emission.
CANH
CANL
AMIS−42670
GND
RxD
VCC
2
7
6
5
S
1
Driver
Control
Thermal
Shutdown
VCC
8
4
TxD
3
VREF
COMP
Vcc/2
+
Ri(cm)
Ri(cm)
Figure 1. Block Diagram
PD20070831.4
Table 2. PIN DESCRIPTION
Pin
Name
Description
1
TxD
Transmit Data Input; Low Input → Dominant Driver; Internal Pullup Current
2
GND
Ground
3
VCC
Supply Voltage
4
RxD
Receive Data Output; Dominant Transmitter → Low Output
5
VREF
Reference Voltage Output
6
CANL
Low−Level CAN Bus Line (Low in Dominant Mode)
7
CANH
High−Level CAN Bus Line (High in Dominant Mode)
8
S
Silent Mode Control Input; Internal Pulldown Current


Similar Part No. - AMIS42670ICAH2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS42670ICAH2G ONSEMI-AMIS42670ICAH2G Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results

Similar Description - AMIS42670ICAH2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS42670ICAH2RG ONSEMI-AMIS42670ICAH2RG Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42675 ONSEMI-AMIS-42675 Datasheet
196Kb / 12P
   High Speed Low Power CAN Transceiver for Long Wire Networks
December, 2008 ??Rev. 2
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com