Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VM149A Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # VM149A
Description  Programmable sinking output current
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149A Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button VM149A Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 9Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 10Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 11Page - Silicon Touch Technology Inc. VM149A Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
110mA, 10Bit Current Sinking VCM Driver with I2C Interface
Version:A.001
Page7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM149A
Table
MSB
LSB
Serial Data Bits
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Input Register
R15 R14 R13 R12 R11 R10 R09 R08 R07 R06 R05 R04 R03 R02 R01 R00
Function
SPS 0
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 S3
S2
S1
S0
SPS (Soft Power Saving, 2
nd standby mode): IC power saving, controlled by
software.
The operations are defined by the following table.
PS
SPS
IC status
Low
-
Power saving
Low
Normal
High
High
Soft power saving
If PS is at logic low level; the chip is forced to shut down all power. If PS is at logic high
level, the chip will be controlled by the SPS bit(the R15 bit of the register) to perform
normally(SPS=Low) or to softly power off the IC(SPS=High). It is recommended to keep PS
at low level (PS = L) while the chip is in no operation mode to save power for all
applications.
D[9:0]:
The level of sink current through pin SINK is set by D[9:0].


Similar Part No. - VM149A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
VM149B SITI-VM149B Datasheet
268Kb / 13P
   Programmable sinking output current
VM149C SITI-VM149C Datasheet
384Kb / 12P
   Programmable sinking output current
VM149D SITI-VM149D Datasheet
263Kb / 12P
   Programmable sinking output current
VM149E SITI-VM149E Datasheet
388Kb / 13P
   Programmable sinking output current
VM149F SITI-VM149F Datasheet
263Kb / 12P
   Programmable sinking output current
More results

Similar Description - VM149A

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
VM149F SITI-VM149F Datasheet
263Kb / 12P
   Programmable sinking output current
VM147 SITI-VM147 Datasheet
272Kb / 13P
   Programmable sinking output current
VM149B SITI-VM149B Datasheet
268Kb / 13P
   Programmable sinking output current
VM149C SITI-VM149C Datasheet
384Kb / 12P
   Programmable sinking output current
VM149D SITI-VM149D Datasheet
263Kb / 12P
   Programmable sinking output current
VM149E SITI-VM149E Datasheet
388Kb / 13P
   Programmable sinking output current
logo
List of Unclassifed Man...
SS22PE ETC2-SS22PE Datasheet
62Kb / 1P
   BLOCK DIAGRAM CURRENT SINKING OUTPUT
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
[Old version datasheet]   Logic Compatible Output with 100 mA Current Sinking Capability
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
   Current sinking or current sourcing ouput
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com