Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2226B Datasheet(PDF) 18 Page - Silicon Touch Technology Inc.

Part # ST2226B
Description  Maximum output current: 60 mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2226B Datasheet(HTML) 18 Page - Silicon Touch Technology Inc.

Back Button ST2226B Datasheet HTML 12Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 13Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 14Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 15Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 16Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 17Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 18Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 19Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 20Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST2226B
ST2226B
Version
:A.002
Page
:17
Package Outline Dimension
SDIP28
D
A1
L
D1
15
14
S
28
e
B1
B
E
12° (4X)
θ
Q1
c
eB
E
RD.3B1(4X)
SYMBOL
INCH(BASE)
MM(REF)
A
0.130±0.005
3.302±0.127
A1
0.01(MIN)
0.254(MIN)
B
0.018±0.005
0.457±0.127
B1
0.060±0.004
1.524±0.102
c
0.010±0.004
0.254±0.102
D
1.388±0.002 35.255±0.051
E
0.310±0.010
7.874±0.254
E1
0.288±0.004
7.315±0.102
e
0.100(TYP)
2.540(TYP)
eB
0.350±0.020
8.890±0.508
L
0.130±0.010
3.302±0.254
S
0.044±0.005
1.118±0.127
Q1
0.060±0.005
1.524±0.127
θ
0°~10°
0°~10°


Similar Part No. - ST2226B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2226A ETC2-ST2226A Datasheet
302Kb / 23P
   PWM-Controlled Constant Current Driver for LED Displays
More results

Similar Description - ST2226B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Power Mate Technology C...
FEC60-24S3P3 P-DUKE-FEC60-24S3P3 Datasheet
328Kb / 3P
   60 WATTS MAXIMUM OUTPUT POWER
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
   300 - 700 mA Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com