Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM13C Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Maximum Ratings (Ta=25C, Tj(max) = 150C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Current
IOUT
100
mA
Output Voltage
VOUT
-0.3 ~ 17
V
Input Clock Frequency
FDCK
25
MHz
GND Terminal Current
IGND
1600
mA
Power Dissipation
(4 layer PCB)
PD
2.34 ( QFN32 : Ta=25
C)
W
2.11 ( TSSOP24 exposed pad: Ta=25
C)
1.90 ( PDIP24 : Ta=25
C)
1.20 ( SOP24 : Ta=25
C)
1.05 ( SSOP24 : Ta=25
C)
Thermal Resistance
Rth(j-a)
40.6 ( QFN32 )
C/W
45 ( TSSOP24 exposed pad)
50.0 (PDIP24 )
79.2 (SOP24 )
90.2 (SSOP24 )
Operating Temperature
Top
-40 ~ 85
C
Storage Temperature
Tstg
-55 ~ 150
C
Recommended Operating Condition
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
3.3
5.0
5.5
V
Output Voltage
VOUT
Driver On
*1
1.0
0.5VCC
V
Output Voltage
VOUT
Driver Off
*2
17
Output Current
IO
OUTn
5
90
mA
IOH
VOH = VCC
– 0.2 V
+1.2
IOL
VOL = 0.2 V
-1.4
Input Voltage
VIH
VCC = 3.3 V ~ 5.5V
0.8VCC
VCC
V
VIL
0.0
0.2VCC
Input Clock Frequency
FDCK
Single Chip Operation
25
MHz
LAT Pulse Width
tw LAT
VCC = 5.0V
15
ns
DCK Pulse Width
tw DCK
15
Set-up Time for DAI
tsetup(D)
10
Hold Time for DAI
thold(D)
10
Set-up Time for LAT
tsetup(L)
10
Hold Time for LAT
thold(L)
10
Set-up Time for Open/Short
tsetup(OS)
25
Open/Short Detection Response
tdet
100
*1 Notice that the power dissipation is limited to its package and ambient temperature.
*2 The driver output voltage including any overshoot stress has to be compliant with the maximum voltage (17V).


Similar Part No. - DM13C

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DM13C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM137 SITI-DM137 Datasheet
768Kb / 32P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com