Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM137 Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # DM137
Description  Maximum output voltage: 17V
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM137 Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button DM137 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM137 Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
16-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 5
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM137
Equivalent Circuit of Inputs and Outputs
1. CLK, DAI, LAT, SDO, EN, OS terminals
2. DAO terminals
3. ALARM terminal


Similar Part No. - DM137

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DM137

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
42-DL211B SITI-42-DL211B Datasheet
114Kb / 6P
   Maximum output voltage: 17V
DM13H-E SITI-DM13H-E Datasheet
508Kb / 25P
   Maximum output voltage: 17V
DM632C SITI-DM632C Datasheet
697Kb / 25P
   Maximum output voltage: 17V
DM13G SITI-DM13G Datasheet
550Kb / 26P
   Maximum output voltage: 17V
DM117 SITI-DM117 Datasheet
602Kb / 22P
   Maximum output voltage: 17V
DM11H SITI-DM11H Datasheet
446Kb / 23P
   Maximum output voltage: 17V
DM13H SITI-DM13H Datasheet
596Kb / 26P
   Maximum output voltage: 17V
DM632B SITI-DM632B Datasheet
953Kb / 31P
   Maximum output voltage: 17V
DM13C SITI-DM13C Datasheet
694Kb / 27P
   Maximum output voltage: 17V
DM631B SITI-DM631B Datasheet
920Kb / 31P
   Maximum output voltage: 17V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com