Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62900416021 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 62900416021
Description  USB 2.0 SMT TYPE A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

62900416021 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  62900416021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 62900416021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 62900416021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
N
27-NOV-15
UPDATE
AK
APPROVAL: NPr
UNIT: MM
DESCRIPTION: USB 2.0 SMT TYPE A
SCALE:
SHEET: 1/3
WERI PART NO: 629 004 160 21
DRAW: AK
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 6T
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: SELECTIVE GOLD
SHIELDING: BRASS NI PLATED
QUALITY CLASS: 1500 MATING CYCLES
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 105°C
FLAMABILITY RATING: UL94-V0
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 1,5 A MAX
WORKING VOLTAGE: 30 VAC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 750 VAC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964
SOLDERING
JEDEC LEAD FREE REFLOW SOLDERING
PACKAGING
TRAY
O
PCB LAYOUT - COMPONENT VIEW


Similar Part No. - 62900416021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
629004113921 WURTH-629004113921 Datasheet
516Kb / 3P
   USB 2.0 TYPE A SMT WITH CLIP
More results

Similar Description - 62900416021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
629004113921 WURTH-629004113921 Datasheet
516Kb / 3P
   USB 2.0 TYPE A SMT WITH CLIP
logo
Switchcraft, Inc.
RAHUA20E SWITCH-RAHUA20E Datasheet
197Kb / 1P
   RIGHT ANGLE SMT USB TYPE-A 2.0, RoHS
Rev. A
logo
Rosenberger Hochfrequen...
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Wurth Elektronik GmbH &...
614004135023 WURTH-614004135023 Datasheet
852Kb / 3P
   USB 2.0 TYPE A VERTICAL
614008246521 WURTH-614008246521 Datasheet
498Kb / 1P
   DUAL USB 2.0 TYPE A
6140041350231 WURTH-6140041350231 Datasheet
438Kb / 1P
   USB 2.0 TYPE A VERTICAL
logo
EDAC, All Rights Reserv...
690J104-667-211 EDAC-690J104-667-211 Datasheet
89Kb / 1P
   690J Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE SMT
690J-SERIES EDAC-690J-SERIES Datasheet
355Kb / 1P
   690J Series USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE SMT
690J104-267-210 EDAC-690J104-267-210 Datasheet
88Kb / 1P
   690J Series,USB 2.0 TYPE-A RECEPTACLES - RIGHT ANGLE SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com