Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA3302-5 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SDA3302-5
Description  GHz PLL with I2C Bus and Four Chip Addresses
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA3302-5 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SDA3302-5 Datasheet HTML 3Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 4Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 5Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 6Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 7Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 8Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 9Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 10Page - Siemens Semiconductor Group SDA3302-5 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Semiconductor Group
7
Pin Definitions and Functions (SDA 3302-5)
Pin No.
Symbol
Function
1
PD
Active-filter input/charge-pump output
2
Q1
Crystal
3
Q2
Crystal
4
SDA
Data input/output for I2C bus
5
SCL
Clock input for I2C bus
6
P7
Port output (open collector)
7
P6
Port output (open collector)
8
P5
Port output (open collector)
9
P4
Port output (open collector)
10
CAS
Chip-address switchover
11
P2
Port output (open collector)
12
P1
Port output (open collector)
13
P0
Port output (open collector)
14
V
S
Supply voltage
15
UHF/VHF
Signal input
16
REF
Amplifier reference input
17
GND
Ground
18
UD
Output active filter
SDA 3302 Family


Similar Part No. - SDA3302-5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA3311CDN LEIDITECH-SDA3311CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
   Low clamping voltage
SDA33CP10 LEIDITECH-SDA33CP10 Datasheet
265Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
SDA33W5 LEIDITECH-SDA33W5 Datasheet
1Mb / 4P
   BI-DIRECTIONAL TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results

Similar Description - SDA3302-5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGP3006X SIEMENS-MGP3006X Datasheet
450Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
MGP3006X6 SIEMENS-MGP3006X6 Datasheet
444Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
   TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com