Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1110 Datasheet(PDF) 68 Page - Intel Corporation

Part # SA1110
Description  Intel StrongARM SA-1110 Microprocessor
Download  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SA1110 Datasheet(HTML) 68 Page - Intel Corporation

Back Button SA1110 Datasheet HTML 64Page - Intel Corporation SA1110 Datasheet HTML 65Page - Intel Corporation SA1110 Datasheet HTML 66Page - Intel Corporation SA1110 Datasheet HTML 67Page - Intel Corporation SA1110 Datasheet HTML 68Page - Intel Corporation SA1110 Datasheet HTML 69Page - Intel Corporation SA1110 Datasheet HTML 70Page - Intel Corporation SA1110 Datasheet HTML 71Page - Intel Corporation SA1110 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 406 page
background image
8-2
SA-1110 Developer’s Manual
Clocks
8.1
Intel® StrongARM SA-1110 Crystal Oscillators
The SA-1110 clocks are derived from two crystals connected to on–chip oscillators. The first clock
source is a 3.6864-MHz crystal that feeds the CPU PLL and the 48-MHz PLL. The CPU PLL
multiplies the oscillator output up to the core frequency. This frequency is then divided down to
generate baud rates for the serial ports. If the UARTs are not being used or do not need standard
baud rates, then the 3.6864 -Hz oscillator may be replaced with a 3.5795-MHz crystal to generate
frequencies as shown in Table 8-1.The second oscillator is connected to a 32.768-kHz crystal. The
output of this oscillator clocks the power management controller and the real-time clock (RTC).
See Appendix B, “3.6864–MHz Oscillator Specifications” and Appendix C, “32.768–kHz
Oscillator Specifications” for detailed specifications of the crystal oscillators.
8.2
Core Clock Configuration Register
The core clock frequency is configured by software through the core clock configuration field
(CCF 4:0) in the power manager phase-locked loop (PLL) configuration register (PPCR). This
field should be programmed during the boot sequence for the desired full-speed operation.
nRESET clears the field by selecting the lowest frequency operation.
See Section 9.5, “Power Manager” on page 9-26 for the physical address used to access this
register.
Table 8-1 shows the core clock frequency as a function of the CCF setting.
The actual core clock (DCLK) can switch between being driven by the high speed core clock
(CCLK, set by CCF 4:0) and the memory clock (MCLK), which runs at half the frequency of
CCLK. CCLK is used except when the SA-1110 is waiting for fills to complete after a cache miss.
Table 8-1.
Core Clock Configurations
CCF 4:0
Core Clock Frequency in MHz
3.6864-MHz Crystal Oscillator
3.5795-MHz Crystal Oscillator
00000
59.0
57.3
00001
73.7
71.6
00010
88.5
85.9
00011
103.2
100.2
00100
118.0
114.5
00101
132.7
128.9
00110
147.5
143.2
00111
162.2
157.5
01000
176.9
171.8
01001
191.7
186.1
01010
206.4
200.5
01011
221.2
214.8
01100– 11111
Not supported.


Similar Part No. - SA1110

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA111(C)-G COMCHIP-SA111(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Comchip Technology
SA111A(CA)-G COMCHIP-SA111A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA1110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SA-1110 INTEL-SA-1110 Datasheet
56Kb / 10P
   Intel-R StrongARM SA-1110 Microprocessor
21281EB INTEL-21281EB Datasheet
95Kb / 18P
   Intel짰 StrongARM짰 SA-110 Microprocessor
logo
P-tec Corporation
PL00283-WCRG0817 P-TEC-PL00283-WCRG0817 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCGY1301 P-TEC-PL00283-WCGY1301 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2113 P-TEC-PL00283-WCRG2113 Datasheet
31Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2605 P-TEC-PL00283-WCRG2605 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
logo
List of Unclassifed Man...
PCM-7130 ETC-PCM-7130 Datasheet
69Kb / 1P
   Multitasking, Ready to Run StrongARM Evaluation Kit
logo
P-tec Corporation
PL00283-WCRG1213 P-TEC-PL00283-WCRG1213 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
logo
Ningbo Leison Motor Co....
RS-555SH NINGBO-RS-555SH Datasheet
694Kb / 1P
   RS-555 SH/SA
logo
TE Connectivity Ltd
408-10043 TEC-408-10043 Datasheet
292Kb / 5P
   SDE-SA Hand Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com