Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1110 Datasheet(PDF) 67 Page - Intel Corporation

Part # SA1110
Description  Intel StrongARM SA-1110 Microprocessor
Download  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SA1110 Datasheet(HTML) 67 Page - Intel Corporation

Back Button SA1110 Datasheet HTML 63Page - Intel Corporation SA1110 Datasheet HTML 64Page - Intel Corporation SA1110 Datasheet HTML 65Page - Intel Corporation SA1110 Datasheet HTML 66Page - Intel Corporation SA1110 Datasheet HTML 67Page - Intel Corporation SA1110 Datasheet HTML 68Page - Intel Corporation SA1110 Datasheet HTML 69Page - Intel Corporation SA1110 Datasheet HTML 70Page - Intel Corporation SA1110 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 406 page
background image
SA-1110 Developer’s Manual
8-1
Clocks
8
This section describes the Intel
® StrongARM* SA-1110 Microprocessor (SA-1110) clocks. The
following diagram shows the distribution of clocks in the SA-1110. The 3.6864-MHz oscillator
feeds both PLLs. The primary PLL provides clocks for the core logic and a 7.36-MHz clock for
several of the serial controllers. The core, Dcaches, and read and write buffers use either the
full-speed core clock or the divided-down clock. The LCD controller, DMA, memory controller,
and GPIO use the core clock divided by 2 (RCLK). The 32.768-kHz oscillator feeds the real-time
clock (RTC) and the power manager logic. The secondary PLL provides the clock for the UDC, the
ICP, and the MCP. The oscillators and PLLs are completely integrated with the SA-1110 and
require no external devices other than the crystals for operation.The following figure shows a block
diagram of the clocking system for the SA-1110.
Figure 8-1.
SA-1110 Clock System Block Diagram
* Other brands and names are the property of their respective owners.
A8054-01
32.768 kHz
Oscillator
Primary PLL
59 MHz - 200 MHz
Secondary PLL
48 MHz
GPIO 27
Peripherals
UART: 7.36 MHz
ICP:
7.36 or 48 MHz
MCP/SSP:
7.36 or 12 MHz
PPC: 7.36 MHz
UDC: 48 MHz
3.6864 MHz
Oscillator
Divide
by 2
Intel® ARM*
SA-1 Core
LCD
Controller
RTC and Power
Manager
DMA
Controller
Memory
Controller
I/O
Controller
Write Buffer
I-Cache
D-Cache
Read Buffer


Similar Part No. - SA1110

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA111(C)-G COMCHIP-SA111(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Comchip Technology
SA111A(CA)-G COMCHIP-SA111A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA1110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SA-1110 INTEL-SA-1110 Datasheet
56Kb / 10P
   Intel-R StrongARM SA-1110 Microprocessor
21281EB INTEL-21281EB Datasheet
95Kb / 18P
   Intel짰 StrongARM짰 SA-110 Microprocessor
logo
P-tec Corporation
PL00283-WCRG0817 P-TEC-PL00283-WCRG0817 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCGY1301 P-TEC-PL00283-WCGY1301 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2113 P-TEC-PL00283-WCRG2113 Datasheet
31Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2605 P-TEC-PL00283-WCRG2605 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
logo
List of Unclassifed Man...
PCM-7130 ETC-PCM-7130 Datasheet
69Kb / 1P
   Multitasking, Ready to Run StrongARM Evaluation Kit
logo
P-tec Corporation
PL00283-WCRG1213 P-TEC-PL00283-WCRG1213 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
logo
Ningbo Leison Motor Co....
RS-555SH NINGBO-RS-555SH Datasheet
694Kb / 1P
   RS-555 SH/SA
logo
TE Connectivity Ltd
408-10043 TEC-408-10043 Datasheet
292Kb / 5P
   SDE-SA Hand Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com