Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1110 Datasheet(PDF) 81 Page - Intel Corporation

Part # SA1110
Description  Intel StrongARM SA-1110 Microprocessor
Download  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SA1110 Datasheet(HTML) 81 Page - Intel Corporation

Back Button SA1110 Datasheet HTML 77Page - Intel Corporation SA1110 Datasheet HTML 78Page - Intel Corporation SA1110 Datasheet HTML 79Page - Intel Corporation SA1110 Datasheet HTML 80Page - Intel Corporation SA1110 Datasheet HTML 81Page - Intel Corporation SA1110 Datasheet HTML 82Page - Intel Corporation SA1110 Datasheet HTML 83Page - Intel Corporation SA1110 Datasheet HTML 84Page - Intel Corporation SA1110 Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 406 page
background image
SA-1110 Developer’s Manual
9-11
System Control Module
9.2
Interrupt Controller
The SA-1110 interrupt controller provides masking capability for all interrupt sources and
combines them into their final state, either an FIQ or IRQ processor interrupt. The interrupt
hierarchy of the SA-1110 is a two-level structure.
The first level of the structure, represented by the interrupt controller IRQ pending register (ICIP)
and the interrupt controller FIQ pending register (ICFP) contain the all-enabled and unmasked
interrupt sources. Interrupts are enabled at their source and unmasked in the interrupt controller
mask register (ICMR). The ICIP contains the interrupts that are programmed to generate an IRQ
interrupt. The ICFP contains all valid interrupts that are programmed to generate an FIQ interrupt.
This routing is programmed via the interrupt controller level register (ICLR).
The second level of the interrupt structure is represented by registers contained in the source device
(the device generating the first-level interrupt bit). Second-level interrupt status gives additional
information about the interrupt and is used inside the interrupt service routine. In general, multiple
second-level interrupts are OR’ed to produce a first- level interrupt bit. The enabling of interrupts
is performed inside the source device.
In most cases, the root source of an interrupt can be determined through reading two register
locations: the ICIP or ICFP (depending on which interrupt handler the software is in) to determine
the interrupting device, followed by the status register within that device to find the exact function
needing service. When the SA-1110 is in idle mode (see the Section 9.5, “Power Manager” on
page 9-26), any enabled interrupt causes it to resume operation. The interrupt mask is ignored
during idle mode if the DIM bit in the interrupt controller control register (ICCR) is set to zero (0).
Figure 9-2 shows a block diagram of the interrupt controller.
Figure 9-2.
Interrupt Controller Block Diagram
Interrupt Mask
Register
Interrupt Source
Bit
Interrupt Level
Register
FIQ
Interrupt
IRQ
Interrupt
to
Processor
to
Processor
Interrupt Pending
Register
FIQ Interrupt
Pending Register
IRQ Interrupt
Pending Register
31
31
All Other Qualified
Interrupt Bits


Similar Part No. - SA1110

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SA111(C)-G COMCHIP-SA111(C)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
SA1117BH-ADJ SILAN-SA1117BH-ADJ Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Comchip Technology
SA111A(CA)-G COMCHIP-SA111A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA1110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
SA-1110 INTEL-SA-1110 Datasheet
56Kb / 10P
   Intel-R StrongARM SA-1110 Microprocessor
21281EB INTEL-21281EB Datasheet
95Kb / 18P
   Intel짰 StrongARM짰 SA-110 Microprocessor
logo
P-tec Corporation
PL00283-WCRG0817 P-TEC-PL00283-WCRG0817 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCGY1301 P-TEC-PL00283-WCGY1301 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2113 P-TEC-PL00283-WCRG2113 Datasheet
31Kb / 1P
   SMD LED Bi-Color 1110 Package
PL00283-WCRG2605 P-TEC-PL00283-WCRG2605 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
logo
List of Unclassifed Man...
PCM-7130 ETC-PCM-7130 Datasheet
69Kb / 1P
   Multitasking, Ready to Run StrongARM Evaluation Kit
logo
P-tec Corporation
PL00283-WCRG1213 P-TEC-PL00283-WCRG1213 Datasheet
34Kb / 1P
   SMD LED Bi-Color 1110 Package
logo
Ningbo Leison Motor Co....
RS-555SH NINGBO-RS-555SH Datasheet
694Kb / 1P
   RS-555 SH/SA
logo
TE Connectivity Ltd
408-10043 TEC-408-10043 Datasheet
292Kb / 5P
   SDE-SA Hand Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com