Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-3.3YD5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5255-3.3YD5
Description  150mA Low Noise UCap CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-3.3YD5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5255-3.3YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 10Page - Micrel Semiconductor MIC5255-3.3YD5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC5255
Micrel
August, 2004
10
M0385-080204
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M5)
4AL 
TSOT-23-5 (D5)


Similar Part No. - MIC5255-3.3YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-3.3YD5 MICREL-MIC5255-3.3YD5 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
More results

Similar Description - MIC5255-3.3YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
   150mA UCap CMOS LDO Regulator w/Power Good
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com