Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFB212G45BF5D072 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LFB212G45BF5D072
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB212G45BF5D072 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFB212G45BF5D072 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB212G45BF5D072 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB212G45BF5D072 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
LFB212G45BF5D072
Specifications
Applications
WLAN
BT
Nominal Center Frequency(fo)
2450.00MHz
Bandwidth(BW)
fo±50.00MHz
Insertion Loss in BW I)
3.3dB max. (at
25
)
Insertion Loss in BW II)
3.5dB max. (-40 to
+85
)
Attenuation(Absolute Value) I)
33dB min. at 10.00 to 915.00MHz
Attenuation(Absolute Value) II)
20dB min. at 1930.00 to 1990.00MHz
Attenuation(Absolute Value) III)
17dB min. at 2112.00 to 2168.00MHz
Attenuation(Absolute Value) IV)
18dB min. at 4800.00 to 5000.00MHz
Balance Impedance (Differential)
(Nom.)
Conjugate match to CSR BC6
Unbalance Impedance (Nom.)
50Ω
Power Capacity
500mW
Operating Temperature Range
-
40
to
85
Length_Width (size)
2.00x1.25mm
Thickness(max.)
0.7mm
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/23


Similar Part No. - LFB212G45BF5D072

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB212G45BFBD169 MURATA-LFB212G45BFBD169 Datasheet
194Kb / 3P
   Operating Temperature Range
More results

Similar Description - LFB212G45BF5D072

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com