Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5V330WE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5V330WE
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330WE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5V330WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5V330WE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PS7032F
09/09/04
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
SEATING
PLANE
.050
BSC
1
16
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.40
7.60
.398
.413
10.10
10.50
1.27
.0926
.1043
2.35
2.64
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
.020
.030
0.33
0.51
0.508
0.762
.0091
.0125
0.254
0.737
.010
.029
x 45˚
0.23
0.32
.016
.050
0.41
1.27
Packaging Mechanical: 16-pin SOIC (S)
Packaging Mechanical: 16-pin SOIC (tW)
SEATING PLANE
.050
BSC
1
16
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.25
0.50
.0099
.0196
x 45˚
0.19
0.25
.016
.050
0.41
1.27
REF


Similar Part No. - PI5V330WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330WE PERICOM-PI5V330WE Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V330WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Pericom Semiconductor C...
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com