Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA335AID Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA335AID
Description  0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA335AID Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA335AID Datasheet HTML 1Page - Burr-Brown (TI) OPA335AID Datasheet HTML 2Page - Burr-Brown (TI) OPA335AID Datasheet HTML 3Page - Burr-Brown (TI) OPA335AID Datasheet HTML 4Page - Burr-Brown (TI) OPA335AID Datasheet HTML 5Page - Burr-Brown (TI) OPA335AID Datasheet HTML 6Page - Burr-Brown (TI) OPA335AID Datasheet HTML 7Page - Burr-Brown (TI) OPA335AID Datasheet HTML 8Page - Burr-Brown (TI) OPA335AID Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
www.ti.com
OPA334, OPA2334, OPA335, OPA2335
SBOS245D
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, and VOUT = VS/2, unless otherwise noted.
LARGE-SIGNAL RESPONSE
Time (5
µs/div)
G = –1
C
L = 300pF
SMALL-SIGNAL RESPONSE
Time (5
µs/div)
G = +1
C
L = 50pF
OPEN-LOOP GAIN/PHASE vs FREQUENCY
140
120
100
80
60
40
20
0
–20
–80
–90
–100
–110
–120
–130
–140
–150
–160
Frequency (Hz)
0.1
10k
1k
100
10
1
10M
1M
100k
Phase
Gain
POSITIVE OVER-VOLTAGE RECOVERY
Time (25
µs/div)
0
0
Input
Output
100
10k
+2.5V
–2.5V
OPA335
NEGATIVE OVER-VOLTAGE RECOVERY
Time (25
µs/div)
0
0
Input
Output
100
10k
+2.5V
–2.5V
OPA335
COMMON-MODE REJECTION vs FREQUENCY
1
140
120
100
80
60
40
20
0
10k
1k
100
10
Frequency (Hz)
10M
1M
100k


Similar Part No. - OPA335AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335AID BURR-BROWN-OPA335AID Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA335AID TI1-OPA335AID Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
National Semiconductor ...
OPA335AID NSC-OPA335AID Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA335AIDBVR BURR-BROWN-OPA335AIDBVR Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA335AIDBVR TI1-OPA335AIDBVR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA335AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA734 BURR-BROWN-OPA734_07 Datasheet
607Kb / 23P
   0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2335M BURR-BROWN-OPA2335M Datasheet
263Kb / 16P
   0.05 mV/째C MAX, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com