Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ494CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PJ494CS
Description  Switchmode Pulse Width Modulation Control Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ494CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PJ494CS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PJ494
Switchmode Pulse Width Modulation Control Circuit
3-11
2002/11.rev.A
DEAD-TIME CONTROL SECTIONDead-time control-section (See Figure 11)
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Input bias current (pin 4)
VI=0 to 5.25V
--
-2.0
-10
µA
Maximum duty cycle, each output
VI(pin 4)=0,CT=0.1µF,RT=12KΩ
--
45
50
%
Zero duty cycle
--
3.0
3.3
Input threshold voltage(pin 4)
Maximum duty cycle
0
--
--
V
PWM COMPARATOR SECTION (See Figure11)
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Input threshold voltage (pin 3)
Zero duty cycle
--
4.0
4.5
V
Input sink current (pin 3)
V(pin 3)=0.7V
0.3
0.7
--
mA
TOTAL DEVICE
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Vcc=15V
--
6.0
10
Standby supply current
Pin 6 at Vref, all other inputs and
outputs open
Vcc=40V
--
9.0
15
Average supply current
VI(PIN4)=2V, See Figure 1
--
7.5
--
mA
SWITCHING CHARACTERISTICS, TA=25℃
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Output voltage rise time
--
100
200
Output voltage fall time
Common-emitter configuration,
See Figure 3
--
25
100
Output voltage rise time
--
100
200
Output voltage fall time
Emitter-follower configuration,
See Figure 4
--
40
100
ns
UNDERVOLTAGE LOCKOUT SECTION
Value
Parameter
Test Conditions
Min
Typ*
Max
Unit
Turn-on Threshold
Vcc increasing Iref =1.0mA
5.5
6.43
7.0
V
All typical value except for temperature coefficient are at TA=25℃
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
All typical values except for parameter changes with temperature are at TA=25℃
Duration of the short-circuit should not exceed one second
Standard deviation is a measure of the statistical distribution about the mean as derived from the formula
2
1
1
2
1
)
(
=
=
N
n
n
N
x
x
σ
Temperature coefficient of timing capacitor and timing resistor not taken into account


Similar Part No. - PJ494CS

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
PJ4254FN8C_00001 PANJIT-PJ4254FN8C_00001 Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
PJ4254FN8C_R1_00001 PANJIT-PJ4254FN8C_R1_00001 Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
More results

Similar Description - PJ494CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com