Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5V330S Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5V330S
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330S Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5V330S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5V330S Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS7032F
09/09/04
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Figure 3. Off Isolation vs Frequency
Figure 4. Crosstalk vs Frequency
DIV
10.00
2
4
6
8
1
2
4
6
8
1
2
NETWORK
A: REF
10.00
[dB]
B: REF
180.0
[deg]
MKR 100 063 436.436 Hz
T/R
519.486m
dB
q
90.2501
deg
RBW: 10 kHz
ST: 1.41 sec
RANGE: R = 0, T = 0dBm
PI5V330
OFF ISOLATION
DIV
36.00
START
STOP
GAIN
PHASE
1 000 000 . 000 Hz
300 000 000 . 000 Hz
+10dB
0dB
10dB
20db
30dB
40dB
50dB
60dB
70dB
80dB
90dB
+180
+144
+108
+72
+36
0
36
72
108
144
180
DIV
10.00
2
4
6
8
1
2
4
6
8
1
2
NETWORK
A: REF
0.000
[dB]
B: REF
180.0
[deg]
MKR 10 074 746.057 Hz
T/R
519.486m
dB
q
90.2501
deg
RBW: 10 kHz
ST: 4.05 sec
RANGE: R = 0, T = 0dBm
PI5V330
XTALK 10 MHz, RL = 50 Ohm
DIV
36.00
START
STOP
1 000 000 . 000 Hz
300 000 000 . 000 Hz
0dB
10dB
20dB
30db
40dB
50dB
60dB
70dB
80dB
90dB
100dB
+180
+144
+108
+72
+36
0
36
72
108
144
180
MAGNITUDE
PHASE


Similar Part No. - PI5V330S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
Pericom Semiconductor C...
PI5V330SQE PERICOM-PI5V330SQE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330SQE DIODES-PI5V330SQE Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330SWE DIODES-PI5V330SWE Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results

Similar Description - PI5V330S

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
   Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
   WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Pericom Semiconductor C...
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com