Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV4279B Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCV4279B
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4279B Datasheet(HTML) 3 Page - ON Semiconductor

  NCV4279B Datasheet HTML 1Page - ON Semiconductor NCV4279B Datasheet HTML 2Page - ON Semiconductor NCV4279B Datasheet HTML 3Page - ON Semiconductor NCV4279B Datasheet HTML 4Page - ON Semiconductor NCV4279B Datasheet HTML 5Page - ON Semiconductor NCV4279B Datasheet HTML 6Page - ON Semiconductor NCV4279B Datasheet HTML 7Page - ON Semiconductor NCV4279B Datasheet HTML 8Page - ON Semiconductor NCV4279B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCV4279B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (IOUT = 1.0 mA, −40°C ≤ TJ ≤ 125°C; 6.0 V < VIN < 26 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Output Stage
Output Voltage
9.0 V < VIN < 16 V, 100 mA ≤ IOUT ≤ 150 mA
6.0 V < VIN < 26 V, 100 mA ≤ IOUT ≤ 150 mA
4.90
4.85
5.0
5.0
5.10
5.15
V
V
Dropout Voltage (VIN − VOUT)
IOUT = 150 mA
IOUT = 100 mA
400
100
600
150
mV
mV
Load Regulation
VIN = 14 V, 5.0 mA ≤ IOUT ≤ 150 mA
-30
5.0
30
mV
Line Regulation
[VOUT(typ) + 1.0] < VIN < 26 V, IOUT = 1.0 mA
15
60
mV
Quiescent Current, (IQ)
Active Mode
IOUT = 100 mA, VIN = 12 V, Delay = 3.0 V, MON = 3.0 V
IOUT = 75 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V
IOUT ≤ 150 mA, VIN = 14 V, Delay = 3.0 V, MON = 3.0 V
90
4.0
12
125
6.0
19
mA
mA
mA
Current Limit
151
300
mA
Short Circuit Output Current
VOUT = 0 V
40
190
mA
Thermal Shutdown
(Guaranteed by Design)
150
180
°C
Reset Function (RESET)
RESET Threshold
HIGH (VRH)
LOW (VRL)
VOUT Increasing
VOUT Decreasing
4.55
4.50
4.70
4.60
0.98
× VOUT
0.97
× VOUT
V
V
Output Voltage
Low (VRLO)
1.0 V
≤ VOUT ≤ VRL, RRESET = 10 k
0.1
0.4
V
Delay Switching Threshold (VDT)
1.4
1.8
2.2
V
Reset Delay Low Voltage
VOUT < RESET Threshold Low(min)
0.1
V
Delay Charge Current
DELAY = 1.0 V, VOUT > VRH
1.5
2.5
3.5
mA
Delay Discharge Current
DELAY = 1.0 V, VOUT = 1.5 V
5.0
mA
Reset Adjust Switching Voltage
(VR(ADJ))
1.23
1.31
1.39
V
FLAG/Monitor
Monitor Threshold
Increasing and Decreasing
1.10
1.20
1.31
V
Hysteresis
20
50
100
mV
Input Current
MON = 2.0 V
−0.5
0.1
0.5
mA
Output Saturation Voltage
MON = 0 V, IFLAG = 1.0 mA
0.1
0.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn