Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCV4279B Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCV4279B
Description  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCV4279B Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV4279B
http://onsemi.com
2
VOUT
GND
VIN
RADJ
NCV4279B
10
µF
10 k
RRST
RESET
10
µF
Delay
CDELAY
VBAT
VDD
FLAG
Figure 1. Application Diagram
MON
RFLG
10 k
I/O
I/O
MAXIMUM RATINGS*{
Rating
Value
Unit
VIN (DC)
−15 to 45
V
Peak Transient Voltage (46 V Load Dump @ VIN = 14 V)
60
V
Operating Voltage
45
V
VOUT (DC)
16
V
Voltage Range (RESET, FLAG)
−0.3 to 10
V
Input Voltage Range (MON)
−0.3 to 10
V
ESD Susceptibility (Human Body Model)
2.0
kV
Junction Temperature, TJ
−40 to +150
°C
Storage Temperature, TS
−55 to 150
°C
Package Thermal Resistance, SO−8:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
45
165
°C/W
Package Thermal Resistance, SO−14 (Fused) Minimum Pad Data:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
Junction−to−Pin, RθJP (Note 3)
15
110
33
°C/W
Package Thermal Resistance, SO−20L (Fused) Minimum Pad Data:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
Junction−to−Pin, RθJP (Note 4)
12
82
26
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Notes 1, 2)
240 peak
°C
1. 60 second maximum above 183
°C.
2. −5
°C/+0°C allowable conditions.
3. Measured to pin 9.
4. Measured to pin 12.
*The maximum package power dissipation must be observed.
†During the voltage range which exceeds the maximum tested voltage of VIN, operation is assured, but not specified. Wider limits may apply.
Thermal dissipation must be observed closely.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn