Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

687108182122 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 687108182122
Description  CONFPCI - 0.5 MM PITCH HORIZONTAL DUAL CONTACT, BACK FLIP ACTUATOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Homepage  http://www.we-online.com
Logo 

687108182122 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
08-JUN-15
PDF
AK
B
C
D
E
F
G
APPROVAL: GMo
UNIT: MM
SCALE:
SHEET: 1/3
WERI PART NO: 687 1xx 182 122
DRAW: AK
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
RECOMMENDED PCB LAYOUT
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: LCP
FLAMABILITY RATING: UL94-V0
COLOUR: IVORY
CONTACT MATERIAL: PHOSPHOR BRONZE
CONTACT PLATING: 80 µ’’ MAT TIN OVER 50 µ’’ NICKEL
CONTACT TYPE: STAMPED
TAB MATERIAL: BRASS
TAB PLATING: 80 µ’’ MAT TIN OVER 50 µ’’ NICKEL
TAB TYPE: STAMPED
ACTUATOR MATERIAL: PA9T
ACTUATOR COLOUR: BLACK
QUALITY CLASS: 20 MATING CYCLES
PITCH: 0.50 MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40°C UP TO +105°C
COMPLIANCE: ROHS AND HALOGEN FREE
ELECTRICAL
CURRENT RATING: 0.5A
WORKING VOLTAGE: 50 VAC
WITHSTANDING VOLTAGE: 0.25 KVAC/min
CONTATC RESISTANCE: 30 mOHM
INSULATION RESISTANCE: >500 MΩ
SOLDERING
JEDEC LEAD FREE REFLOW SOLDERING
PACKAGING
TAPE AND REEL
AVAILABLE POLARITIES
DIMENSION:
A = 0.50 x (NB PINS -1)
B = (0.50 x NB PINS) +2
C = A + 1.05
D = C + 0.92
06, 08, 10, 12, 14, 16, 17, 18, 20, 22, 24, 26, 28
(THICKNESS = 0.31 ± 0.03 MM)
APPLICABLE FFC/FPC DIM.
DESCRIPTION: CONFPCI - 0.5 MM PITCH HORIZONTAL DUAL CONTACT,
BACK FLIP ACTUATOR


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn