Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC-150-1050 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPC-150-1050
Description  150W Single Output LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPC-150-1050 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPC-150-1050 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPC-150-1050 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
File Name:LPC-150-SPEC 2015-05-28
fosc : 65KHz
PWM
O.L.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
&
Block Diagram
DETECTION
CIRCUIT
O.V.P.
AC/N(Blue)
AC/L(Brown)
INPUT VOLTAGE (V) 60Hz
180
190
200
210
220
230
240
260
270
280
305
100
90
80
70
60
50
40
Derating Curve
Derating Curve
Static Characteristics
AMBIENT TEMPERATURE (
)
250
150W Single Output LED Power Supply
LPC-150 series
(HORIZONTAL)
Case No. LPC-150
Unit:mm
PWM fosc : 67KHz
+V(Red)
-V(Black)
191
SJTW 18AWG
SJTW 18AWG
Recommend Mounting Direction
20
40
60
80
100
-15
0
15
30
040
50
-25
60
70
300 20
±
300 20
±
25
25
5
5
Tcase
※ T case: Max. Case Temperature.
86


Similar Part No. - LPC-150-1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-1050 MEANWELL-LPC-100-1050 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-1400 MEANWELL-LPC-100-1400 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-1750 MEANWELL-LPC-100-1750 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
LPC-100-2100 MEANWELL-LPC-100-2100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
More results

Similar Description - LPC-150-1050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150 Datasheet
261Kb / 6P
   150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150_13 Datasheet
379Kb / 7P
   150W Single Output LED Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com